Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6042031 Datasheet(PDF) 2 Page - SICK AG

Part # 6042031
Description  LEVEL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042031 Datasheet(HTML) 2 Page - SICK AG

  6042031 Datasheet HTML 1Page - SICK AG 6042031 Datasheet HTML 2Page - SICK AG 6042031 Datasheet HTML 3Page - SICK AG 6042031 Datasheet HTML 4Page - SICK AG 6042031 Datasheet HTML 5Page - SICK AG 6042031 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LBV310-GXAGDTAMX | LBV300
LEVEL SENSORS
2
FLUID SENSORS | SICK
Online data sheet | 2015-12-07 11:19:05
Subject to change without notice
Illustration may differ
Ordering information
Type
Part no.
LBV310-GXAGDTAMX
6042031
Other models and accessories
www.sick.de/LBV300
Detailed technical data
Features
Medium
Bulk solids
Measurement
Switch
Probe length
220 mm
Process pressure
–1 bar ... 25 bar
Process temperature
–50 °C ... +150 °C
Fill material density
≥ 0.008
Particle size
< 10 mm
ATEX approval
ATEX II 1D, 1/2D, 2D Ex t IIIC T... Da, Da/Db, Db IP66
Type examination
TÜV 09 ATEX 555503
Performance
Accuracy of sensor element
± 10 mm
Repeatability
≤ 5 mm
Response time
500 ms when covered / 1,000 ms when uncovered
Electronics
Residual ripple
≤ 5 Vpp
Power consumption
< 10 mA
Initialization time
< 2 s
VDE protection class 2
Electrical connection
M20 x 1.5
Supply voltage
Volt-free transistor output PNP/ NPN: 10 V DC ... 55 V DC
Hysteresis
10 mm
Signal voltage HIGH
Uv –3 V
Signal voltage LOW
< 1 V
Output current
< 300 mA
Inductive load
≤ 1 H
Capacitive load
100 nF
Enclosure rating
IP 66 / IP 67


Similar Part No. - 6042031

ManufacturerPart #DatasheetDescription
logo
SICK AG
6042030 SICK-6042030 Datasheet
848Kb / 7P
   PRESSURE SENSORS
6042033 SICK-6042033 Datasheet
848Kb / 7P
   PRESSURE SENSORS
6042036 SICK-6042036 Datasheet
850Kb / 7P
   PRESSURE SENSORS
6042038 SICK-6042038 Datasheet
840Kb / 6P
   PRESSURE SENSORS
6042039 SICK-6042039 Datasheet
809Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - 6042031

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com