Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308-1HDC Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT2308-1HDC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308-1HDC Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT2308-1HDC Datasheet HTML 3Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 4Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 5Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 6Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 7Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 8Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 9Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 10Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308
3.3V ZERO DELAY CLOCK MULTIPLIER
NOTE:
1. Applies to both REF and FBK.
DC ELECTRICAL CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Conditions
Min.
Typ.(1)
Max.
Unit
VIL
InputLOWVoltageLevel
0.8
V
VIH
Input HIGH Voltage Level
2
V
IIL
InputLOWCurrent
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
OutputLOWVoltage
IOL = 8mA (-1, -2, -3, -4)
0.4
V
IOL = 12mA (-1H, -2H, -5H)
VOH
Output HIGH Voltage
IOH = -8mA (-1, -2, -3, -4)
2.4
V
IOH = -12mA (-1H, -2H, -5H)
IDD_PD
Power Down Current
REF = 0MHz (S2 = S1 = H)
25
µA
100MHz CLKA (-1, -2, -3, -4)
45
100MHz CLKA (-1H, -2H, -5H)
70
IDD
SupplyCurrent
UnloadedOutputs
66MHz CLKA (-1, -2, -3, -4)
32
mA
Select Inputs at VDD or GND
66MHz CLKA (-1H, -2H, -5H)
50
33MHz CLKA (-1, -2, -3, -4)
18
33MHz CLKA (-1H, -2H, -5H)
30
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VDD
SupplyVoltage
3
3.6
V
TA
OperatingTemperature(AmbientTemperature)
-40
+85
°C
CL
Load Capacitance below 100MHz
30
pF
Load Capacitance from 100MHz to 133MHz
15
pF
CIN
InputCapacitance(1)
—7
pF
OPERATING CONDITIONS- INDUSTRIAL


Similar Part No. - IDT2308-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results

Similar Description - IDT2308-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com