Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM21HC105R1C3 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NFM21HC105R1C3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21HC105R1C3 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NFM21HC105R1C3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21HC105R1C3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
■AEC-Q200 Murata Standard Specification and Test Methods
Mechanical Performance (based on Table 2 for Tantalum & Ceramic Capacitors)
AEC-Q200 Rev.C issued June 17. 2005
Murata Specification / Deviation
No. Stress
Test Method
3 High Temperature
Exposure
Unpowered
1000 hours @ T=150C (Ceramics)
Measurement at 24+/-2 hours after test
Meet Table D after testing.
4 Temperature Cycling
1000cycles (-55C to +125C)
Measurement at 24+/-2 hours after test
Meet Table A after testing.
6 Moisture Resistance
t=24 hours/cycle. Note: Steps 7a & 7b not
required.
Unpowered.
Meet Table D after testing.
7 Biased Humidity
1000hours 85C/85%RH.
Note: Ceramics only Specified conditions:
Rated Voltage and 1.3 to 1.5 volts.
Add 100Kohm resister.
Tantalums-Rated Voltage only.
Measurement at 24+/-2 hours after test
Meet Table D after testing.
8 Operational Life
Condition D Steady State TA=125C
Full rated ceramic caps
Measurement at 24+/-2 hours
after test conclusion.
Meet Table D after testing.
9 External Visual
Visual inspection
No abnormalities
10 Physical Dimension
Within the specified dimensions.
No defects
12 Resistance to Solvents
Per MIL-STD-202 Method 215
Not Applicable
13 Mechanical Shock
Figure 1 of Method 213.
SMD:Condition F
Leaded:Condition C
Meet Table C after testing.
14 Vibration
5g's for 20 minutes, 12cycles each of 3
oritentations
Use 8"X5" PCB, .031"thick. 7 secure points on
one long side and 2 secure points at corners of
opposite sides.
Parts mounted within 2" from any secure point.
Test from 10-2000Hz.
Meet Table C after testing.
15 Resistance to
Soldering Heat
Note: Condition B No pre-heat of samples.
Note:Single Wave Solder-Procedure 2 for SMD.
Procedure 1 for Leaded with solder within
1.5mm of device body.
Meet Table A after testing.
Deviation for AEC-Q200;
Testing condition
Flux: Ethanol solution of rosin, 25(wt)%
Pre-heating: 150C+/-10C, 60 to 90s
Solder: Sn-3.0Ag-0.5Cu
Solder Temperature: 270C+/-5C
Immesion Time: 10s+/-1s
Immesion and emersion rates: 25mm/s
Then measured after exposure in the room
16 Thermal Shock
-55C/+125C
Note: Number of cycles required-300,
Maximum transfer time-20 s,
Dwell time-15 minuites. Air-Air.
Meet Table A after testing.
17 ESD
Per AEC-Q200-002
Component Classification:Meet Table E
18 Solderability
Per J-STD-002
95% of the terminations is to be soldered.
Method B : Not Applicable
19 Electrical Characterization
Summary to show Min, Max, Mean and
Standard deviation at room as well as Min and
Max operating temperatures.
Deviation for AEC-Q200;
Shown in Rated value.
AEC-Q200
45
R340
F
Deflection
45
Product
Pressure jig
JEMCPS-03093
3


Similar Part No. - NFM21HC105R1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC105R1C3 MURATA1-NFM21HC105R1C3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - NFM21HC105R1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com