Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM21HC104R1A3 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFM21HC104R1A3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21HC104R1A3 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFM21HC104R1A3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21HC104R1A3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
■AEC-Q200 Murata Standard Specification and Test Methods
Electrical Performance
No
Specification
Test Method
1 Capacitance
Shown in Rated value.
Frequency
(Cap.)
22 to 100pF : 1±0.1MHz
220pF to 1uF : 1±0.1kHz
Voltage : 1±0.2V(rms)
2
Voltage : Rated Voltage
Time : 2 minutes max.
3 DC Resistance
Measured with 100mA max.
(Rdc1,2)
Rdc1 : between signal terminals
Rdc2 : between ground terminals
4 Withstanding Voltage
Products shall not be damaged.
Test Voltage : Rated Voltage X 300%
Time : 1 to 5 s
Charge Current : 50 mA max.
5 Operating Temperature
Shown in Rated value.
Includes self-heating
6 Storage Temperature
Standard Testing Condition
< Unless otherwise specified >
< In case of doubt >
Temperature : Ordinary Temp. / 15 °C to 35 °C
Temperature: 20 °C ± 2 °C
Humidity: Ordinary Humidity / 25 %(RH) to 85 %(RH)
Humidity: 60 %(RH) to 70 %(RH)
Atmospheric pressure: 86 kPa to 106 kPa
Item
Insulation
Resistance(I.R.)
Rdc2
Rdc1
Rdc1
Rdc2
JEMCPS-03093
2


Similar Part No. - NFM21HC104R1A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC104R1A3 MURATA1-NFM21HC104R1A3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
More results

Similar Description - NFM21HC104R1A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com