Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0782321001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0782321001
Description  GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0782321001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0782321001 Datasheet HTML 1Page - Molex Electronics Ltd. 0782321001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0782321001
Status:
Active
Overview:
GbX I-Trac™ Backplane Connector System
Description:
GbX I-Trac™ Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
Documents:
3D Model
Packaging Specification PK-78232-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78231-006 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
78232
Application
Backplane, Midplane
Component Type
Power Receptacle
Overview
GbX I-Trac™ Backplane Connector System
Product Name
GbX I-Trac™
UPC
822350856553
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Circuits Detail
80 Amps (40/Split Blade)
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.676/g
Number of Columns
1
Number of Pairs
6
Number of Rows
2
Orientation
Vertical
PC Tail Length
2.41mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.00mm, 7.40mm
Pitch - Termination Interface
2.00mm, 7.40mm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
80.0A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
78232 Series
Mates With
78234 GbX I-Trac™ Right Angle Header,
Power Module
Use With
75705 GbX I-Trac™ Vertical, 11 Row
Header Module
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-in Tool for
Vertical Power
0622018631


Similar Part No. - 0782321001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782321001 MOLEX1-0782321001_17 Datasheet
38Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
More results

Similar Description - 0782321001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782321001 MOLEX1-0782321001_17 Datasheet
38Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
0782271001 MOLEX1-0782271001_17 Datasheet
38Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 40 Amps, Lead-Free
0782271001 MOLEX11-0782271001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 40 Amps, Lead-Free
0782371001 MOLEX11-0782371001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 3 Blades, 90 Amps, Lead-Free
0782302102 MOLEX1-0782302102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Right Hold Down, 2-Power Module,2 Blades
0782352102 MOLEX1-0782352102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Right Hold Down, 2-Power Module,2 Blades
0782351102 MOLEX1-0782351102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, 2-Power Module, 2 Blades
0782351101 MOLEX1-0782351101_17 Datasheet
43Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, Power Module, 2 Blades
0782301101 MOLEX11-0782301101 Datasheet
42Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, 1 Power Module, 2 Blades
0782291011 MOLEX11-0782291011 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com