Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG3407SSN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG3407SSN
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3407SSN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG3407SSN Datasheet HTML 1Page - Diodes Incorporated DMG3407SSN Datasheet HTML 2Page - Diodes Incorporated DMG3407SSN Datasheet HTML 3Page - Diodes Incorporated DMG3407SSN Datasheet HTML 4Page - Diodes Incorporated DMG3407SSN Datasheet HTML 5Page - Diodes Incorporated DMG3407SSN Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG3407SSN
Document number: DS35135 Rev. 5 - 2
2 of 6
www.diodes.com
April 2012
© Diodes Incorporated
DMG3407SSN
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-4.0
-3.2
A
t<10s
TA = 25°C
TA = 70°C
ID
-4.6
-3.6
A
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
-3.3
-2.6
A
t<10s
TA = 25°C
TA = 70°C
ID
-3.9
-3.1
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-30
A
Maximum Body Diode Forward Current (Note 5)
IS
-2.0
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
TA = 25°C
PD
1.1
W
TA = 70°C
0.7
Thermal Resistance, Junction to Ambient (Note 4)
Steady state
RθJA
166
°C/W
t<10s
118
Total Power Dissipation (Note 5)
TA = 25°C
PD
1.8
W
TA = 70°C
1.1
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
98
°C/W
t<10s
71
Thermal Resistance, Junction to Case (Note 5)
RθJC
18
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @ TA = 25°C unless otherwise stated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-1.0
-1.5
-2.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
39
50
VGS = -10V, ID = -4.1A
-
56
72
VGS = -4.5V, ID = -3.0A
Forward Transfer Admittance
|Yfs|
-
8.2
-
S
VDS = -5V, ID = -4A
Diode Forward Voltage
VSD
-
-0.75
-1.1
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
466
582
700
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
80
114
148
Reverse Transfer Capacitance
Crss
47
76
105
Gate Resistance
Rg
2
5
8
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
10.6
13.3
16
nC
VGS = -10V, VDS = -15V, ID = -4A
Total Gate Charge
Qg
5.2
6.5
8.5
VGS = -4.5V, VDS = -15V,ID = -4A
Gate-Source Charge
Qgs
1.3
1.7
2
Gate-Drain Charge
Qgd
1.1
1.9
2.7
Turn-On Delay Time
tD(on)
-
6.0
-
ns
VGS = -10V, VDS = -15V,
RL = 3.6Ω, RG = 3Ω
Turn-On Rise Time
tr
-
12.9
-
Turn-Off Delay Time
tD(off)
-
35.4
-
Turn-Off Fall Time
tf
-
30.7
-
Reverse Recovery Time
trr
6.8
8.5
10.2
ns
IF = 4A, di/dt = 100A/μs
Reverse Recovery Charge
Qrr
5.5
7.0
8.5
nC
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided. The power dissipation PD is based on t<10s RθJA
5. Device mounted on 1” x 1” FR-4 PCB with high coverage 2 oz. Copper, single sided. The power dissipation PD is based on t<10s RθJA
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMG3407SSN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMG3407SSN ZPSEMI-DMG3407SSN Datasheet
162Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3407SSN TYSEMI-DMG3407SSN Datasheet
106Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG3407SSN DIODES-DMG3407SSN Datasheet
199Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3407SSN-7 TYSEMI-DMG3407SSN-7 Datasheet
106Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG3407SSN-7 DIODES-DMG3407SSN-7 Datasheet
449Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG3407SSN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com