Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG2305UX-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG2305UX-13
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2305UX-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG2305UX-13 Datasheet HTML 1Page - Diodes Incorporated DMG2305UX-13 Datasheet HTML 2Page - Diodes Incorporated DMG2305UX-13 Datasheet HTML 3Page - Diodes Incorporated DMG2305UX-13 Datasheet HTML 4Page - Diodes Incorporated DMG2305UX-13 Datasheet HTML 5Page - Diodes Incorporated DMG2305UX-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG2305UX
Document number: DS36196 Rev. 5 - 2
2 of 6
www.diodes.com
April 2016
© Diodes Incorporated
DMG2305UX
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.2
-3.3
A
t<10s
TA = +25°C
TA = +70°C
ID
-5.0
-4.0
A
Pulsed Drain Current (Note 6)
IDM
-10
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.4
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
90
°C/W
t<10s
64
°C/W
Thermal Resistance, Junction to Case (Note 7)
RθJC
33
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
TJ = +25°C
IDSS
-1.0
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.5
-0.9
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
40
52
m
VGS = -4.5V, ID = -4.2A
52
100
VGS = -2.5V, ID = -3.4A
68
200
VGS = -1.8V, ID = -2A
Forward Transfer Admittance
|YFS|
9
S
VDS = -5V, ID = -4A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
808
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
85
pF
Reverse Transfer Capacitance
CRSS
77
pF
Gate Resistance
RG
15.2
VGS = 0V, VDS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS (Note 8)
Total Gate Charge
QG
10.2
nC
VGS = -4.5V, VDS = -4V,
ID = -3.5A
Gate-Source Charge
QGS
1.3
nC
Gate-Drain Charge
QGD
2.2
nC
Turn-On Delay Time
tD(ON)
10.8
ns
VDS = -4V, VGS = -4.5V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tR
13.7
ns
Turn-Off Delay Time
tD(OFF)
79.3
ns
Turn-Off Fall Time
tF
34.7
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
6. Repetitive rating, pulse width limited by junction temperature.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing


Similar Part No. - DMG2305UX-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG2305UX-13 DIODES-DMG2305UX-13 Datasheet
396Kb / 5P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG2305UX-13

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com