Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG2307L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG2307L
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2307L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG2307L Datasheet HTML 1Page - Diodes Incorporated DMG2307L Datasheet HTML 2Page - Diodes Incorporated DMG2307L Datasheet HTML 3Page - Diodes Incorporated DMG2307L Datasheet HTML 4Page - Diodes Incorporated DMG2307L Datasheet HTML 5Page - Diodes Incorporated DMG2307L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG2307L
Document number: DS35414 Rev. 3 – 2
2 of 6
www.diodes.com
November 2013
© Diodes Incorporated
DMG2307L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-2.5
-2.0
A
Continuous Drain Current (Note 7) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.8
-3.0
A
Continuous Drain Current (Note 7) VGS = -10V
t ≦10sec
TA = +25°C
TA = +70°C
ID
-4.6
-3.6
A
Continuous Drain Current (Note 7) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.1
-2.5
A
Pulsed Drain Current (Note 7)
IDM
-20
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
0.76
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
159
°C/W
Total Power Dissipation (Note 7)
PD
1.36
W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
94
°C/W
Total Power Dissipation (Note 7) t ≦ 10sec
PD
1.9
W
Thermal Resistance, Junction to Ambient (Note 7) t ≦ 10sec
RθJA
65.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
70
90
mΩ
VGS = -10V, ID = -2.5A
105
134
VGS = -4.5V, ID = -2.5A
Forward Transfer Admittance
|Yfs|
4.8
S
VDS = -10V, ID = -2.5A
Diode Forward Voltage (Note 7)
VSD
-0.75
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
371.3
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
51.3
pF
Reverse Transfer Capacitance
Crss
45.9
pF
Gate Resistance
Rg
17
VDS = 0V, VGS = 0V,f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
4.0
nC
VGS = -10V, VDS = -15V,
ID = -3A
Total Gate Charge (VGS = -10V)
Qg
8.2
nC
Gate-Source Charge
Qgs
0.9
nC
Gate-Drain Charge
Qgd
1.2
nC
Turn-On Delay Time
tD(on)
4.8
ns
VDS = -15V, VGS = -10V,
RL = 15Ω, RG = 6Ω,
ID = -1A
Turn-On Rise Time
tr
7.3
ns
Turn-Off Delay Time
tD(off)
22.4
ns
Turn-Off Fall Time
tf
13.4
ns
Notes:
6. Device mounted on FR-4 PCB, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMG2307L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMG2307L ZPSEMI-DMG2307L Datasheet
188Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG2307L TYSEMI-DMG2307L Datasheet
129Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG2307L DIODES-DMG2307L Datasheet
510Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG2307L-7 DIODES-DMG2307L-7 Datasheet
349Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG2307L-7 TYSEMI-DMG2307L-7 Datasheet
129Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG2307L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com