Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG2301LK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG2301LK
Description  Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2301LK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG2301LK Datasheet HTML 1Page - Diodes Incorporated DMG2301LK Datasheet HTML 2Page - Diodes Incorporated DMG2301LK Datasheet HTML 3Page - Diodes Incorporated DMG2301LK Datasheet HTML 4Page - Diodes Incorporated DMG2301LK Datasheet HTML 5Page - Diodes Incorporated DMG2301LK Datasheet HTML 6Page - Diodes Incorporated DMG2301LK Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMG2301LK
Document number: DS38438 Rev. 2 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMG2301LK
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-2.4
-1.9
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-1.12
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.84
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
150
°C/W
Total Power Dissipation (Note 6)
PD
1.40
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
91
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current (TJ = +25C)
IDSS
-10
µA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = 10V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.3
-0.6
-1.0
V
VDS = VGS, ID = -250A
Static Drain-Source On-Resistance
RDS(ON)
136
160
mΩ
VGS = -4.5V, ID = -1.0A
183
210
VGS = -2.5V, ID = -1.0A
229
298
VGS = -1.8V, ID = -0.2A
Diode Forward Voltage
VSD
-0.8
-1.2
V
VGS = 0V, IS = -1.0A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
156
pF
VDS = -6V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
36
pF
Reverse Transfer Capacitance
Crss
28
pF
Gate Resistance
Rg
41
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
1.6
nC
VDS = -6V,
ID = -2.2A
Total Gate Charge (VGS = -10V)
Qg
3.4
nC
Gate-Source Charge
Qgs
0.3
nC
Gate-Drain Charge
Qgd
0.4
nC
Turn-On Delay Time
tD(ON)
3.2
ns
VDS = -6V, VGS = -4.5V,
RGEN = 6 , ID = -1A
Turn-On Rise Time
tR
7.4
ns
Turn-Off Delay Time
tD(OFF)
11.0
ns
Turn-Off Fall Time
tF
10.5
ns
Reverse Recovery Time
tRR
6.5
ns
IF = -1.0A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
0.8
nC
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMG2301LK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG2301L DIODES-DMG2301L Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Diodes Incorporated
DMG2301L-13 DIODES-DMG2301L-13 Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG2301L-7 DIODES-DMG2301L-7 Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG2301LK

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com