Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS93735 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS93735
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93735 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS93735 Datasheet HTML 1Page - Integrated Circuit Systems ICS93735 Datasheet HTML 2Page - Integrated Circuit Systems ICS93735 Datasheet HTML 3Page - Integrated Circuit Systems ICS93735 Datasheet HTML 4Page - Integrated Circuit Systems ICS93735 Datasheet HTML 5Page - Integrated Circuit Systems ICS93735 Datasheet HTML 6Page - Integrated Circuit Systems ICS93735 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS93735
0579E—08/06/03
Recommended Operation Conditions
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog / Core Supply Voltag
AVDD
2.3
2.5
2.7
V
Input Voltage Level
VIN
22.5
3
V
Output Differential Pair
Crossing Voltage
1.32
V
VOC
66/100/133/166MHz, VDD=2.50V
1.23
1.25
Timing Requirements
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Clock Frequency
1
freqop
Input Voltage level: 0-2.50V
22
340
MHz
Input Clock Duty Cycle
1
dtin
40
50
60
%
Clock Stabilization
1
tSTAB
from VDD = 2.5V to 1% target frequency
100
µs
1. Guaranteed by design, not 100% tested in production.
Switching Characteristics
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66 MHz
465263
100 / 125 / 133 MHz
27
33
40
Phase Error
1
tpe
100MHz, input clock 0-2.5V, 0.8ns rise/fall
-113
ps
Output to output Skew
1
Tskew
input clock 0-2.5V, 0.8ns rise/fall
66
98
ps
Low-to-high level Propagation
CLK_IN to any output,
Delay Time, Bypass Mode
1
100MHz, Load = 120 W / 12 pF
Pulse Skew
1
Tskew
ps
Duty Cycle (Sign Ended)
1,3
DC
no loads, 66 MHz to 167MHz
50.2
51.3
%
Rise Time
1
tR
Single-ended 20-80 %; Load=120W/12pF
400
490
622
ps
Fall Time
1
tF
Single-ended 20-80 %; Load=120W/12pF
435
579
711
ps
1. Guaranteed by design, not 100% tested in production.
2. Refers to transistion on non-inverting period.
3. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies.
This is due to the formular: duty_cycle=twH/tC, where the cycle time (tC)decreases as the frequency increases.
Cycle to cycle Jitter
1,2
tc-c
ps
tPLH
3.67
3.68
ns


Similar Part No. - ICS93735

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
ICS93735YFLF-T RENESAS-ICS93735YFLF-T Datasheet
160Kb / 9P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results

Similar Description - ICS93735

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
   Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com