Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2035CT Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MBR2035CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MBR2035CT Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MBR2035CT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR2035CT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR2035CT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Device
Test conditions
Min
Typ
Max
Unit
MBR2030CT
30
MBR2035CT
35
MBR2040CT
40
MBR2045CT
45
MBR2050CT
50
Reverse voltage
V(BR)
MBR2060CT
IR=0.1mA
60
V
MBR2030CT
VR=30V
MBR2035CT
VR=35V
MBR2040CT
VR=40V
MBR2045CT
VR=45V
MBR2050CT
VR=50V
Reverse current
IR
MBR2060CT
VR=60V
0.1
mA
MBR2030CT-2045CT
0.7
Forward voltage
VF
MBR2050CT,2060CT
IF=10A
0.8
V
Typical total capacitance
Ctot
MBR2030CT-2060CT
VR=4V,f=1MHz
650
pF
www.cj-elec.com
2
B,Oct,2014


Similar Part No. - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR2035CT DIGITRON-MBR2035CT Datasheet
1Mb / 4P
   20A SCHOTTKY RECTIFIERS
logo
Motorola, Inc
MBR2035CT MOTOROLA-MBR2035CT Datasheet
135Kb / 6P
   SWITCHMODE?? Power Rectifiers
logo
Mospec Semiconductor
MBR2035CT MOSPEC-MBR2035CT Datasheet
139Kb / 2P
   Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR2035CT SIRECTIFIER-MBR2035CT Datasheet
103Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2035CT KERSEMI-MBR2035CT Datasheet
476Kb / 5P
   SWITCHMODE POWER RECTIFIERS
More results

Similar Description - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com