Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR20100CHF Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR20100CHF
Description  High frequency switch power supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR20100CHF Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR20100CHF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100CHF Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R
版本(Rev.):201506A
1/10
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR20100C
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
HBR20100CZ
HBR20100C
TO-220
NO
条管 Tube
1.98 g(typ)
HBR20100CZR
HBR20100C
TO-220
YES
条管 Tube
1.98 g(typ)
HBR20100CHF
HBR20100C
TO-220HF
NO
条管 Tube
1.70 g(typ)
HBR20100CHFR
HBR20100C
TO-220HF
YES
条管 Tube
1.70 g(typ)
HBR20100CS
HBR20100C
TO-263
NO
条管 Tube
1.90 g(typ)
HBR20100CSR
HBR20100C
TO-263
YES
条管 Tube
1.90 g(typ)
HBR20100CS
HBR20100C
TO-263
NO
编带 Reel
1.90 g(typ)
HBR20100CSR
HBR20100C
TO-263
YES
编带 Reel
1.90 g(typ)
HBR20100CB
HBR20100C
TO-262
NO
条管 Tube
1.70 g(typ)
HBR20100CBR
HBR20100C
TO-262
YES
条管 Tube
1.70 g(typ)
HBR20100CVM
HBR20100C
IPAKM
NO
条管 Tube
0.38 g(typ)
HBR20100CVMR
HBR20100C
IPAKM
YES
条管 Tube
0.38 g(typ)
HBR20100CRM
HBR20100C
DPAKM
NO
编带 Reel
0.33 g(typ)
HBR20100CRMR
HBR20100C
DPAKM
YES
编带 Reel
0.33 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
20(2×10)A
VRRM
100 V
Tj
175 ℃
VF(max)
0.72V (@Tj=125℃)
封装 Package
用途
l 高频开关电源
l 低压续流电路和保护电
APPLICATIONS
l High frequency switch
power supply
l Free wheeling diodes,
polarity protection
applications
产品特性
l共阴结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lCommon cathode structure
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-263
TO-262
DPAKM
IPAKM


Similar Part No. - HBR20100CHF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
HBR20100CT ISC-HBR20100CT Datasheet
219Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - HBR20100CHF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
HBR4045 JSMC-HBR4045 Datasheet
446Kb / 8P
   High frequency switch power supply
HBR20100D JSMC-HBR20100D Datasheet
783Kb / 10P
   High frequency switch power supply
HBR10100S JSMC-HBR10100S Datasheet
665Kb / 10P
   High frequency switch power supply
HBR20100U JSMC-HBR20100U Datasheet
325Kb / 7P
   High frequency switch power supply
MBR4045 JSMC-MBR4045 Datasheet
316Kb / 8P
   High frequency switch power supply
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
   High Frequency Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com