Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805X563C3GALTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0805X563C3GALTU
Description  Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X563C3GALTU Datasheet(HTML) 4 Page - Kemet Corporation

  C0805X563C3GALTU Datasheet HTML 1Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 2Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 3Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 4Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 5Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 6Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 7Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 8Page - Kemet Corporation C0805X563C3GALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1062_C0G_FT-CAP_SMD • 5/23/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0603
1608
1.60 (.064) ± 0.17 (.007) 0.80 (.032) ±0.15 (.006)
See Table 2 for
Thickness
0.45 (.018) ± 0.15 (.006)
0.58 (.023)
Solder Wave
or
Solder Reflow
0805
2012
2.00 (.079) ± 0.30 (.012) 1.25 (.049) ± 0.30 (.012)
0.50 (0.02) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.30 (.130) ± 0.40 (.016) 1.60 (.063) ± 0.35 (.013)
0.60 (.024) ± 0.25 (.010)
N/A
1210
3225
3.30 (.130) ± 0.40 (.016) 2.60 (.102) ± 0.30 (.012)
0.60 (.024) ± 0.25 (.010)
Solder Reflow Only
1812
4532
4.50 (.178) ± 0.40 (.016) 3.20 (.126) ± 0.30 (.012)
0.70 (.028) ± 0.35 (.014)
1825
4564
4.60 (.181) ± 0.40 (.016) 6.40 (.252) ± 0.40 (.016)
0.70 (.028) ± 0.35 (.014)
2220
5650
5.90 (.232) ± 0.75 (.030) 5.00 (.197) ± 0.40 (.016)
0.70 (.028) ± 0.35 (.014)
2225
5664
5.90 (.232) ± 0.75 (.030) 6.40 (.248) ± 0.40 (.016)
0.70 (.028) ± 0.35 (.014)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in
Table 4, Performance & Reliability.
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details regarding test
methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive Components. For additional
information regarding the Automotive Electronics Council and AEC–Q200, please visit their website at www.aecouncil.com.
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option).


Similar Part No. - C0805X563C3GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X563C3GALTU KEMET-C0805X563C3GALTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C0805X563C3GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com