Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HO15-NP-3001 Datasheet(PDF) 6 Page - LEM

Part # HO15-NP-3001
Description  Current Transducer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-3001 Datasheet(HTML) 6 Page - LEM

Back Button HO15-NP-3001 Datasheet HTML 2Page - LEM HO15-NP-3001 Datasheet HTML 3Page - LEM HO15-NP-3001 Datasheet HTML 4Page - LEM HO15-NP-3001 Datasheet HTML 5Page - LEM HO15-NP-3001 Datasheet HTML 6Page - LEM HO15-NP-3001 Datasheet HTML 7Page - LEM HO15-NP-3001 Datasheet HTML 8Page - LEM HO15-NP-3001 Datasheet HTML 9Page - LEM HO15-NP-3001 Datasheet HTML 10Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page 6/15
17September2013/Version 2 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP/SP33-1000 SERIES
Electrical data I
PN = 25 A
At T
A = 25°C, UC = + 3.3 V, NP = 1 turn, RL = 10 KΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 12).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal rms current
I
PN
A
25
Primary current, measuring range
I
PM
A
-62.5
62.5
Number of primary turns
N
P
1,2,3
Supply voltage
U
C
V
3.14
3.3
3.46
Current consumption
I
C
mA
25
Reference voltage
V
ref
V
1.636
1.65
1.664
Internal reference
External reference voltage
V
ref
V
0.5
1.85
@ U
C = 3.3 ≈ 3.46 V
0.5
1.7
@ U
C = 3.14 ≈ 3.3 V
Output voltage range @ I
PM
V
out - Vref
V
-1.15
1.15
Output voltage @ I
P = 0 A
V
out
V
V
ref + VOE
Electrical offset voltage
V
OE
mV
-6
6
Temperature coefficient of V
ref
TCV
ref
ppm/K
±170
-20°C .. 85 °C
Internal reference
±180
-40°C .. 105 °C
Internal reference
Temperature coefficient of V
OE
TCV
OE
mV/K
±0.080
-40°C .. 105 °C
Theoretical sensitivity
G
th
mV/A
18.4
460 mV/ I
PN @ UC = 3.3 V
Sensitivity error
ε
G
% of I
PN
±0.5
Factory adjustment
Temperature coefficient of G
TCG
ppm/K
±200
-20°C .. 85 °C
±210
-40°C .. 105 °C
Linearity error 0 .. I
PN
ε
L
% of I
PN
±0.5
@ U
C = 3.3 V
Linearity error 0 .. I
PM
ε
L
% of I
PM
±0.8
@ U
C = 3.3 V
Gain error with respect to U
C ± 10 %
%/%
±0.4
Gain error per U
C drift
Magnetic offset voltage
@ I
P = 0 after 2.5 x IPN
V
OM
mV
±11
Reaction time @ 10 % of I
PN
t
ra
µs
2
di/dt = I
PN/µs
Response time @ 90 % of I
PN
t
r
µs
3.5
di/dt = I
PN/µs
Frequency bandwidth (- 3 dB)
BW
kHz
250
Output rms voltage noise (spectral density)
(DC .. 100 MHz)
e
no
µV/√Hz
6.13
Output voltage noise
(DC .. 20 MHz)
V
no
mVpp
20
Standby pin “0” level
V
0.3
Standby pin “1” level
V
U
C -0.3
Time to switch from standby to normal mode
µs
20
Over-current detect
V
2.6 x I
PN
2.9 x I
PN
3.2 x I
PN
peak value
Accuracy @ I
PN
X
% of I
PN
±1
= ε
G + εL
Accuracy @ I
PN @ TA = + 85 °C
X
% of I
PN
±3.3
See formula note 1)
Accuracy @ I
PN @ TA = + 105 °C
X
% of I
PN
±4.1
See formula note 1)
Note: 1) Accuracy @ I
P and XTA = ± [X + (TCG/10000) · (TA - 25) + TCVOE · 100 · (TA -25) / (Gth · IP)].


Similar Part No. - HO15-NP-3001

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-3001 LEM-HO15-NP-3001 Datasheet
2Mb / 16P
   Current Transducer
More results

Similar Description - HO15-NP-3001

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com