Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS70328SJ-8I Datasheet(PDF) 10 Page - GSI Technology

Part # GS70328SJ-8I
Description  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328SJ-8I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS70328SJ-8I Datasheet HTML 3Page - GSI Technology GS70328SJ-8I Datasheet HTML 4Page - GSI Technology GS70328SJ-8I Datasheet HTML 5Page - GSI Technology GS70328SJ-8I Datasheet HTML 6Page - GSI Technology GS70328SJ-8I Datasheet HTML 7Page - GSI Technology GS70328SJ-8I Datasheet HTML 8Page - GSI Technology GS70328SJ-8I Datasheet HTML 9Page - GSI Technology GS70328SJ-8I Datasheet HTML 10Page - GSI Technology GS70328SJ-8I Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GS70328SJ/TS
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.11 11/2004
10/11
© 1999, GSI Technology
* Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example: GS70328TP-8T
Ordering Information
Part Number*
Package
Access Time
Temp. Range
Status
GS70328SJ-7
300-mil SOJ
7 ns
Commercial
GS70328SJ-8
300-mil SOJ
8 ns
Commercial
GS70328SJ-10
300-mil SOJ
10 ns
Commercial
GS70328SJ-12
300-mil SOJ
12 ns
Commercial
GS70328SJ-15
300-mil SOJ
15 ns
Commercial
GS70328SJ-7I
300-mil SOJ
7 ns
Industrial
GS70328SJ-8I
300-mil SOJ
8 ns
Industrial
GS70328SJ-10I
300-mil SOJ
10 ns
Industrial
GS70328SJ-12I
300-mil SOJ
12 ns
Industrial
GS70328SJ-15I
300-mil SOJ
15 ns
Industrial
GS70328TS-7
TSOP-I 8 x 13.4 mm2
7 ns
Commercial
GS70328TS-8
TSOP-I 8 x 13.4 mm2
8 ns
Commercial
GS70328TS-10
TSOP-I 8 x 13.4 mm2
10 ns
Commercial
GS70328TS-12
TSOP-I 8 x 13.4 mm2
12 ns
Commercial
GS70328TS-15
TSOP-I 8 x 13.4 mm2
15 ns
Commercial
GS70328TS-7I
TSOP-I 8 x 13.4 mm2
7 ns
Industrial
GS70328TS-8I
TSOP-I 8 x 13.4 mm2
8 ns
Industrial
GS70328TS-10I
TSOP-I 8 x 13.4 mm2
10 ns
Industrial
GS70328TS-12I
TSOP-I 8 x 13.4 mm2
12 ns
Industrial
GS70328TS-15I
TSOP-I 8 x 13.4 mm2
15 ns
Industrial


Similar Part No. - GS70328SJ-8I

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

Similar Description - GS70328SJ-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com