Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM76U256CLE Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # GM76U256CLE
Description  32K x8 bit 3.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76U256CLE Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button GM76U256CLE Datasheet HTML 3Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 4Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 5Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 6Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 7Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 8Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 9Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 10Page - Hynix Semiconductor GM76U256CLE Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GM76U256C Series
Rev 02 / Apr. 2001
9
28pin 8x13.4mm Thin Small Outline Package Standard(T)
0.468(11.9)
0.460(11.7)
0.536(13.6)
0.520(13.2)
0.027(0.7)
0.012(0.3)
0.008(0.2)
0.004(0.1)
0.319(8.1)
0.311(7.9)
0.040(1.02)
0.036(0.91)
0.008(0.20)
0.002(0.05)
0.022(0.55 BSC)
UNIT : INCH(mm)
MAX.
MIN.


Similar Part No. - GM76U256CLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630 Datasheet
1Mb / 1P
   Multi-output Regulators
GM7630 GAMMA-GM7630 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
List of Unclassifed Man...
GM7630SIP10T ETC-GM7630SIP10T Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630SIP10T GAMMA-GM7630SIP10T Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
More results

Similar Description - GM76U256CLE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
UC62WV0256 ETC-UC62WV0256 Datasheet
465Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com