Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2741CTV Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD2741CTV
Description  OPTICALLY ISOLATED ERROR AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741CTV Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD2741CTV Datasheet HTML 6Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 7Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 8Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 9Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 10Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 11Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 12Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 13Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
12/9/04
Page 10 of 15
© 2003 Fairchild Semiconductor Corporation
OPTICALLY ISOLATED
ERROR AMPLIFIER
FOD2741A
FOD2741B
FOD2741C
The FOD2741
The FOD2741 is an optically isolated error amplifier. It incor-
porates three of the most common elements necessary to
make an isolated power supply, a reference voltage, an error
amplifier, and an optocoupler. It is functionally equivalent to
the popular KA431 shunt voltage regulator plus the CNY17F-X
optocoupler.
Powering the Secondary Side
The LED pin in the FOD2741 powers the secondary side, and
in particular provides the current to run the LED. The actual
structure of the FOD2741 dictates the minimum voltage that
can be applied to the LED pin: The error amplifier output has a
minimum of the reference voltage, and the LED is in series
with that. Minimum voltage applied to the LED pin is thus 2.5V
+ 1.5V = 4.0V. This voltage can be generated either directly
from the output of the converter, or else from a slaved second-
ary winding. The secondary winding will not affect regulation,
as the input to the FB pin may still be taken from the output
winding.
The LED pin needs to be fed through a current limiting resistor.
The value of the resistor sets the amount of current through
the LED, and thus must be carefully selected in conjunction
with the selection of the primary side resistor.
Feedback
Output voltage of a converter is determined by selecting a
resistor divider from the regulated output to the FB pin. The
FOD2741 attempts to regulate its FB pin to the reference
voltage, 2.5V. The ratio of the two resistors should thus be:
The absolute value of the top resistor is set by the input offset
current of 5.2µA. To achieve 0.5% accuracy, the resistance of
RTOP should be:
Compensation
The compensation pin of the FOD2741 provides the opportu-
nity for the designer to design the frequency response of the
converter. A compensation network may be placed between
the COMP pin and the FB pin. In typical low-bandwidth
systems, a 0.1µF capacitor may be used. For converters with
more stringent requirements, a network should be designed
based on measurements of the system’s loop. An excellent
reference for this process may be found in “Practical Design of
Power Supplies” by Ron Lenk, IEEE Press, 1998.
Secondary Ground
The GND pin should be connected to the secondary ground of
the converter.
No Connect Pins
The NC pins have no internal connection. They should not
have any connection to the secondary side, as this may
compromise the isolation structure.
Photo-Transistor
The Photo-transistor is the output of the FOD2741. In a normal
configuration the collector will be attached to a pull-up resistor
and the emitter grounded. There is no base connection neces-
sary.
The value of the pull-up resistor, and the current limiting resis-
tor feeding the LED, must be carefully selected to account for
voltage range accepted by the PWM IC, and for the variation in
current transfer ratio (CTR) of the opto-isolator itself.
Example: The voltage feeding the LED pins is +12V, the volt-
age feeding the collector pull-up is +10V, and the PWM IC is
the Fairchild KA1H0680, which has a 5V reference. If we
select a 10k
Ω resistor for the LED, the maximum current the
LED can see is (12V-4V) /10k
Ω = 800µA. The CTR of the
opto-isolator is a minimum of 100%, so the minimum collector
current of the photo-transistor when the diode is full on is also
800µA. The collector resistor must thus be such that:
select 12k
Ω to allow some margin.
R
TOP
R
BOTTOM
--------------------------
V
OUT
V
REF
--------------
1
=
V
OUT
2.5
R
TOP
-----------------------------
1040
µA
>
10V
5V
R
COLLECTOR
------------------------------------800
µA or R
COLLECTOR
6.25k
Ω;
>
<


Similar Part No. - FOD2741CTV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741CTV FAIRCHILD-FOD2741CTV Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2741CTV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com