Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB60N03L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQB60N03L
Description  N-Channel Logic Level PWM Optimized Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB60N03L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQB60N03L Datasheet HTML 1Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 2Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 3Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 4Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 5Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 6Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 7Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 8Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FQB60N03L Rev. B
Figure 11. Capacitance vs Drain to Source
Voltage
Figure 12. Gate Charge Waveforms for Constant
Gate Currents
Figure 13. Switching Time vs Gate Resistance
Figure 14. Switching Time vs Gate Resistance
Typical Characteristic (Continued) T
C = 25°C unless otherwise noted
100
1000
0.1
1
10
30
2000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CGS + CGD
CRSS = CGD
0
2
4
6
8
10
0
102030
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 51A
ID = 27A
WAVEFORMS IN
DESCENDING ORDER:
0
50
100
150
0
10
20304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 12A
td(OFF)
tr
tf
td(ON)
0
50
100
150
200
0
10
203040
50
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 15V, ID = 12A
td(OFF)
tr
td(ON)
tf
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0


Similar Part No. - FQB60N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB60N03L ISC-FQB60N03L Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - FQB60N03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB95N03L FAIRCHILD-FQB95N03L Datasheet
229Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FQD45N03L FAIRCHILD-FQD45N03L Datasheet
269Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FDD6680 FAIRCHILD-FDD6680 Datasheet
199Kb / 6P
   N-Channel Logic Level PWM Optimized PowerTrench??MOSFET
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com