Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206R225M5RACT100 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C1206R225M5RACT100
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206R225M5RACT100 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C1206R225M5RACT100 Datasheet HTML 7Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 8Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 9Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 10Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 11Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 12Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 13Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 14Page - Kemet Corporation C1206R225M5RACT100 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Terminal Strength
JIS–C–6429
Appendix 1, Note:
Package Size
(L" x W")
Force
Duration
0402
5 N (0.51 kg)
60 seconds
0603
10 N (1.02 kg)
≥ 0805
18 N (1.83 kg)
Board Flex
JIS–C–6429
Appendix 2, Note: Standard termination system – 2.0 mm (minimum) for all except 3 mm for C0G.
Flexible termination system – 3.0 mm (minimum).
Solderability
J–STD–002
Magnification 50 X. Conditions:
a) Method B, 4 hours at 155°C, dry heat at 235°C
b) Method B at 215°C category 3
c) Method D, category 3 at 260°C
Temperature Cycling
KEMET defined
50 cycles (-55°C to +220°C). Measurement at 24 hours +/- 4 hours after test conclusion.
Biased Humidity
MIL–STD–202 Method 103
Load Humidity: 1,000 hours 85°C/85% RH and rated voltage. Add 100 K ohm resistor. Measurement
at 24 hours +/- 2 hours after test conclusion.
Low Volt Humidity: 1,000 hours 85°C/85% RH and 1.5 V. Add 100 K ohm resistor.
Measurement at 24 hours +/- 2 hours after test conclusion.
Moisture Resistance
MIL–STD–202 Method 106 t = 24 hours/cycle. Steps 7a and 7b not required. Unpowered.
Measurement at 24 hours +/- 2 hours after test conclusion.
High Temperature Life
MIL–STD–202 Method 108
/EIA–198
1,000 hours at 175°C with 2 X rated voltage applied.
Storage Life
KEMET defined
200°C, 0 VDC for 1,000 hours.
Vibration
MIL–STD–202 Method 204
5 g's for 20 minutes, 12 cycles each of 3 orientations. Note: Use 8" X 5" PCB 0.031" thick 7 secure
points on one long side and 2 secure points at corners of opposite sides. Parts mounted within 2"
from any secure point. Test from 10 – 2,000 Hz
Mechanical Shock
MIL–STD–202 Method 213 Figure 1 of Method 213, Condition F.
Resistance to Solvents MIL–STD–202 Method 215 Add aqueous wash chemical, OKEM Clean or equivalent.
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature– reels may soften or warp and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum storage humidity not exceed 70%
relative humidity. Temperature fluctuations should be minimized to avoid condensation on the parts and atmospheres should be free of
chlorine and sulfur bearing compounds. For optimized solderability chip stock should be used promptly, preferably within 1.5 years of
receipt.


Similar Part No. - C1206R225M5RACT100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206R105K3RACT500 KEMET-C1206R105K3RACT500 Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Temperature, FT-Cap
C1206R474K5RACT250 KEMET-C1206R474K5RACT250 Datasheet
70Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 0.47 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, High Temperature, FT-Cap
More results

Similar Description - C1206R225M5RACT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com