Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206G225M5RACT100 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C1206G225M5RACT100
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206G225M5RACT100 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C1206G225M5RACT100 Datasheet HTML 6Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 7Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 8Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 9Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 10Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 11Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 12Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 13Page - Kemet Corporation C1206G225M5RACT100 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Soldering Process
Recommended Soldering Technique:
• Solder wave or solder reflow for EIA case sizes 0603, 0805 and 1206
• All other EIA case sizes are limited to solder reflow only
Recommended Reflow Soldering Profile:
KEMET’s families of surface mount multilayer ceramic capacitors (SMD MLCCs) are compatible with wave (single or dual), convection,
IR or vapor phase reflow techniques. Preheating of these components is recommended to avoid extreme thermal stress. KEMET’s
recommended profile conditions for convection and IR reflow reflect the profile conditions of the IPC/J-STD-020 standard for moisture
sensitivity testing. These devices can safely withstand a maximum of three reflow passes at these conditions.
Profile Feature
Termination Finish
100% Matte Sn
Preheat/Soak
Temperature Minimum (TSmin)
150°C
Temperature Maximum (TSmax)
200°C
Time (tS) from TSmin to TSmax
60 – 120 seconds
Ramp-Up Rate (TL to TP)
3°C/second maximum
Liquidous Temperature (TL)
217°C
Time Above Liquidous (tL)
60 – 150 seconds
Peak Temperature (TP)
260°C
Time Within 5°C of Maximum Peak
Temperature (tP)
30 seconds maximum
Ramp-Down Rate (TP to TL)
6°C/second maximum
Time 25°C to Peak Temperature
8 minutes maximum
Note 1: All temperatures refer to the center of the package, measured on the
capacitor body surface that is facing up during assembly reflow.
Time
Tsmin
25° C to Peak
tL
tS
25
tP
Tsmax
TL
TP
Maximum Ramp Up Rate = 3°C/sec
Maximum Ramp Down Rate = 6°C/sec


Similar Part No. - C1206G225M5RACT100

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1206 GENERAL-C1206 Datasheet
73Kb / 1P
   CONTROL CABLE
logo
List of Unclassifed Man...
C1206C1001GAC ETC2-C1206C1001GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1002GAC ETC2-C1206C1002GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1005GAC ETC2-C1206C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C1206C100C2GAC KEMET-C1206C100C2GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C1206G225M5RACT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com