Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM453 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FODM453
Description  5-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM453 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FODM453 Datasheet HTML 1Page - Fairchild Semiconductor FODM453 Datasheet HTML 2Page - Fairchild Semiconductor FODM453 Datasheet HTML 3Page - Fairchild Semiconductor FODM453 Datasheet HTML 4Page - Fairchild Semiconductor FODM453 Datasheet HTML 5Page - Fairchild Semiconductor FODM453 Datasheet HTML 6Page - Fairchild Semiconductor FODM453 Datasheet HTML 7Page - Fairchild Semiconductor FODM453 Datasheet HTML 8Page - Fairchild Semiconductor FODM453 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/12/04
Page 4 of 11
© 2003 Fairchild Semiconductor Corporation
5-PIN MINI FLAT PACKAGE
HIGH SPEED TRANSISTOR
OPTOCOUPLERS
FODM452
FODM453
** All Typicals at TA = 25°C
Notes
1.
Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
2.
The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor.
3.
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the
common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode
transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode
pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
4. Device is considered a two terminal device: Pins 1, and 3 are shorted together and Pins 4, 5, and 6 are shorted together.
ISOLATION CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Withstand insulation test voltage
(RH
≤ 50%, T
A = 25°C)
(Note 4) ( t = 1 min.)
VISO
3750
VRMS
Capacitance (input to output)
(Note 4) (f = 1 MHz)
CI-O
0.2
pF


Similar Part No. - FODM453

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453 Datasheet
238Kb / 11P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM453 FAIRCHILD-FODM453 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM453 ONSEMI-FODM453 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
logo
Fairchild Semiconductor
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM453R2 ONSEMI-FODM453R2 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
More results

Similar Description - FODM453

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453_07 Datasheet
238Kb / 11P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM452 ONSEMI-FODM452 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453_10 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com