Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256L-70ZRC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62256L-70ZRC
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256L-70ZRC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62256L-70ZRC Datasheet HTML 1Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 2Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 3Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 4Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 5Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 6Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 7Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 8Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62256
Document #: 38-05248 Rev. *C
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied..............................................-55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature (TA)[4]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Automotive
–40
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62256
−55
CY62256
−70
Unit
Min. Typ.[2] Max.
Min. Typ.[2]
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = −1.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.5V
2.2
VCC
+0.5V
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–0.5
+0.5
–0.5
+0.5
µA
IOZ
Output Leakage Current GND < VO < VCC, Output Disabled
–0.5
+0.5
–0.5
+0.5
µA
ICC
VCC Operating Supply
Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
28
55
28
55
mA
L25
50
25
50
mA
LL
25
50
25
50
mA
ISB1
Automatic CE
Power-down Current—
TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH or VIN < VIL, f =
fMAX
0.5
2
0.5
2
mA
L0.4
0.6
0.4
0.6
mA
LL
0.3
0.5
0.3
0.5
mA
ISB2
Automatic CE
Power-down Current—
CMOS Inputs
Max. VCC,CE>VCC− 0.3V
VIN > VCC − 0.3V, or VIN <
0.3V, f = 0
15
1
5
mA
L2
50
2
50
µA
LL
0.1
5
0.1
5
µA
LL - Ind’l
0.1
10
0.1
10
µA
LL -
Auto
0.1
15
µA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
6pF
COUT
Output Capacitance
8
pF
Notes:
3.
VIL (min.) = 2.0V for pulse durations of less than 20 ns.
4.
TA is the “Instant-On” case temperature.
5.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62256L-70ZRC

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70PC ARTSCHIP-CY62256L-70PC Datasheet
374Kb / 12P
   Static RAM
logo
Cypress Semiconductor
CY62256L-70SNC CYPRESS-CY62256L-70SNC Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70SNC ARTSCHIP-CY62256L-70SNC Datasheet
374Kb / 12P
   Static RAM
logo
Cypress Semiconductor
CY62256L-70SNI CYPRESS-CY62256L-70SNI Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70SNI ARTSCHIP-CY62256L-70SNI Datasheet
374Kb / 12P
   Static RAM
More results

Similar Description - CY62256L-70ZRC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com