Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8702MP Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN8702MP
Description  6 Channel DSC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8702MP Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8702MP Datasheet HTML 6Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 7Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 8Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 9Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 10Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 11Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 12Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 13Page - Fairchild Semiconductor FAN8702MP Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FAN8702/FAN8702B/FAN8702MP
10
Electrical Characteristics
(Ta = 25
°C, VB1=VB2=VCC1=VCC2=VDD=2.4V)
Note :
1. ICC1, ICC2,ICC4 is sum of the current consumption VB1,VB2,VCC1,VCC2 line.
2. ICC3, ICC5 is sum of the current consumption VB1,VB2,VCC1,VCC2 and VDD line.
Block
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Total
Stand-by Current
ISTB
VB=VCC=VDD=7.0V
-
-
1.0
µA
Operating Consumption Current 1
ICC1
IN1~,IN8 (1Phase)
IOV=200mA, Note1
-
8
11
mA
Operating Consumption Current 2
ICC2
IN1~IN8(2Phase)
IOV=400mA, Note1
-
17
25
mA
Operating Consumption Current 3
ICC3
IN5~IN8(Brake) Note2
-
16
25
mA
Operating Consumption Current 4
ICC4
IN9~IN12(1 phase)
IOI=200mA, Note1
-
6
11
mA
Operating Consumption Current 5
ICC5
IN11,IN12(Brake)Note2
-
16
25
mA
Reference Voltage Output Voltage 1
VREF1
IREF=
−1mA,INHD=L
0.95
1.0
1.05
V
Reference Voltage Output Voltage 2
VREF2
IREF=
−1mA,INHD=H
0.64
0.67
0.70
V
Logic Input High Current
IINH
VIN=5.0V
-
60
90
µA
Logic Input Low Current
IINL
VIN=0.0V
-1
-
1
µA
Thermal Shutdown
THD
-
-
150
-
°C
Current
driver
Output Current 1
IO
RFG=1.0
Ω,
ISH=0.3V
282
300
318
mA
Output Saturation Voltage
(PNP+NPN)
VSAT1
IO=0.3A
-
0.4
0.6
V
Voltage
driver
Output Voltage 1
VO
VC1, 2 =0.4V
1.9
2.0
2.1
V
Output Saturation Voltage
(PNP+NPN)
VSAT2
IO=0.2A
-
0.35
0.50
V


Similar Part No. - FAN8702MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
More results

Similar Description - FAN8702MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Princeton Technology Co...
PT5111 PTC-PT5111 Datasheet
346Kb / 5P
   61CH DV/DSC Motor Driver
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Sanyo Semicon Device
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
Renesas Technology Corp
R2A30444BX RENESAS-R2A30444BX_15 Datasheet
84Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
logo
Global Mixed-mode Techn...
G2024 GMT-G2024 Datasheet
120Kb / 1P
   1-Channel DC Motor driver for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com