Electronic Components Datasheet Search |
|
DMTH6005LCT Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMTH6005LCT Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 6 page DMTH6005LCT Document number: DS38743 Rev. 1 - 2 1 of 6 www.diodes.com June 2016 © Diodes Incorporated DMTH6005LCT 60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET Product Summary BVDSS RDS(ON) Max ID TC = +25°C 60V 6m Ω @ VGS = 10V 100A 10m Ω @ VGS = 4.5V 85A Description and Applications This new generation MOSFET features low on-resistance and fast switching, making it ideal for high efficiency power management applications. Engine Management Systems Body Control Electronics DC-DC Converters Features Rated to +175 C – Ideal for High Ambient Temperature Environments 100% Unclamped Inductive Switching – Ensures more Reliable and Robust End Application Low Input Capacitance Low Input/Output Leakage Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability Mechanical Data Case: TO220-3 Case Material: Molded Plastic , ―Green‖ Molding Compound, UL Flammability Classification Rating 94V-0 Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Below Weight: 1.85 grams (Approximate) Ordering Information (Note 4) Part Number Case Packaging DMTH6005LCT TO220-3 50 Pieces/Tube Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information =Manufacturer’s Marking H6005L = Product Type Marking Code YYWW = Date Code Marking YY or YY = Last Two Digits of Year (ex: 16 = 2016) WW or WW = Week Code (01 to 53) Equivalent Circuit Top View Pin Out Configuration Top View Bottom View TO220-3 YYWW H6005L |
Similar Part No. - DMTH6005LCT |
|
Similar Description - DMTH6005LCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |