Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMNH6021SPS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMNH6021SPS-13
Description  High Conversion Efficiency
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6021SPS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMNH6021SPS-13 Datasheet HTML 1Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 2Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 3Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 4Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 5Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 6Page - Diodes Incorporated DMNH6021SPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMNH6021SPS
Document number: DS37685 Rev. 2 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6021SPS
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
5.0
V
= 3.0V
GS
V
= 3.5V
GS
V
= 6.0V
GS
V
= 10
GS
V
= 4.0V
GS
10.0
15.0
20.0
25.0
30.0
0
1
2
3
4
5
V
= 4.5V
GS
V
= 5.0V
GS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
12
14
16
18
20
22
24
0
5
10
15
20
25
30
V
= 4.5V
GS
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
I
= 12A
D
I
= 15A
D
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
V
= 10V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 175°C
A
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
R
,
D
R
A
I
N
-
S
O
U
R
C
E
O
N
-
R
E
S
I
S
T
A
N
C
E
(
)
D
S
(
O
N
)
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0
5
10
15
20
25
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 175°C
A
V
= 10V
GS
T = 150°C
A
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100 125 150 175
V
= 4.5V
I = 12A
GS
D
V
=
V
I = 15A
GS
D
10
VGS = 10V


Similar Part No. - DMNH6021SPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6021SPSQ DIODES-DMNH6021SPSQ Datasheet
593Kb / 7P
   High Conversion Efficiency
DMNH6021SPSQ-13 DIODES-DMNH6021SPSQ-13 Datasheet
593Kb / 7P
   High Conversion Efficiency
More results

Similar Description - DMNH6021SPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6021SPSQ DIODES-DMNH6021SPSQ Datasheet
593Kb / 7P
   High Conversion Efficiency
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   High Conversion Efficiency
logo
Infineon Technologies A...
BAS3010A-03WE6327 INFINEON-BAS3010A-03WE6327 Datasheet
122Kb / 6P
   For high efficiency DC/DC conversion fast switching, protection and clamping applications
2007-04-10
logo
HOPE Microelectronics C...
T06 HOPE-T06 Datasheet
233Kb / 11P
   High Conversion Speed Temperature Sensor
logo
Ferroxcube Internationa...
3C98 FERROXCUBE-3C98 Datasheet
1Mb / 8P
   High efficiency, operation up to 400 kHz, high power density and best in class Medium Frequency power conversion.
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
logo
GeneSiC Semiconductor, ...
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com