Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-1310-TMCL Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1310-TMCL
Description  MODULE FOR STEPPER MOTORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1310-TMCL Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1310-TMCL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1310-TMCL Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TMCM-1310 V1.2 Hardware Manual (Rev. 1.12 / 2013-JUL-05)
11
www.trinamic.com
3.2.4 Reference Switch Connector
A separate reference / limit switch input connector is available. Connector type is JST PH series 4pin with
2mm pitch.
1
4
Pin
Label
Direction
Description
1
GND
Power (GND)
Signal and system ground
2
+5V
Power
(supply output)
+5V supply output for external encoder and reference
switch circuit.
3
REF_L
Input
Input for reference / limit switch left
4
REF_R
Input
Input for reference / limit switch right
Table 3.8 Reference switch connector
3.2.5 I/O Connectors 0 and 1
The module offers two I/O connectors (JST PH series 8pin with 2mm pitch). Number and type of inputs,
outputs and supply are the same for both connectors. It is sufficient to use just one connector if only
few I/Os are required. This simplifies cabling.
3.2.5.1 I/O Connector 0
1
10
Pin
Label
Direction
Description
1
GND
Power (GND)
GND
2
VCC
Power
(supply output)
Connected to V
DIGITAL of Power connector. Please note:
max. current is 500mA (protected via on-board 500mA
polyfuse)
3
AIN0
Input
Dedicated analog input,
input voltage range: 0… +10V,
resolution: 12bit (0… 4095)
4
IN1
Input
Digital input (+24V compatible)
5
IN2
Input
Digital input (+24V compatible)
6
IN3
Input
Digital input (+24V compatible)
7
OUT0
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
8
OUT1
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
9
OUT2
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
10
OUT3
Output
Open-drain output (max. 1A)
Integrated freewheeling diode
Table 3.9 I/O connector 0


Similar Part No. - TMCM-1310-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1310-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com