Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-1161-CABLE Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1161-CABLE
Description  MODULES FOR STEPPER MOTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1161-CABLE Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1161-CABLE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TMCM-1161 V1.0 Hardware Manual (Rev. 1.14 / 2013-JUL-23)
9
www.trinamic.com
3.2.1.2 RS485
For remote control and communication with a host system the PD-1161 provides a two wire RS485 bus
interface. For proper operation the following items should be taken into account when setting up an
RS485 network:
1. BUS STRUCTURE:
The network topology should follow a bus structure as closely as possible. That is, the
connection between each node and the bus itself should be as short as possible. Basically, it
should be short compared to the length of the bus.
c:>
node
1
node
n - 1
node
n
Host
Slave
Slave
Slave
RS485
termination
resistor
(120 Ohm)
termination
resistor
(120 Ohm)
}
keep distance as
short as possible
Figure 3.5: RS485 bus structure
2. BUS TERMINATION:
Especially for longer busses and/or multiple nodes connected to the bus and/or high
communication speeds, the bus should be properly terminated at both ends. The PD-1161 does
not integrate any termination resistor. Therefore, 120 Ohm termination resistors at both ends of
the bus have to be added externally.
3. NUMBER OF NODES:
The RS-485 electrical interface standard (EIA-485) allows up to 32 nodes to be connected to a
single bus. The bus transceiver used on the PD-1161 units (SN65HVD3082ED) has just 1/8th of the
standard bus load and allows a maximum of 256 units to be connected to a single RS485 bus.
4. NO FLOATING BUS LINES:
Avoid floating bus lines while neither the host/master nor one of the slaves along the bus line is
transmitting data (all bus nodes switched to receive mode). Floating bus lines may lead to
communication errors. In order to ensure valid signals on the bus it is recommended to use a
resistor network connecting both bus lines as well defined logic levels. In contrast to the
termination resistors this network is normally required just once per bus. Certain RS485 interface
converters available for PCs already include these additional resistors (e.g. USB-2-485).
node
n - 1
node
n
Slave
Slave
termination
resistor
(120 Ohm)
+5V
GND
pull-up (1k)
pull-down (1k)
RS485- / RS485B
RS485+ / RS485A
Figure 3.6: RS485 bus lines with resistor network


Similar Part No. - TMCM-1161-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1160-TMCL TRINAMIC-TMCM-1160-TMCL Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1161-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com