Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-1160-TMCL Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1160-TMCL
Description  MODULE FOR STEPPER MOTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1160-TMCL Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1160-TMCL Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1160-TMCL Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TMCM-1160 V1.01 Hardware Manual (Rev. 1.02 / 2013-JUL-23)
7
www.trinamic.com
3.2 Connectors of TMCM-1160
The TMCM-1160 offers seven connectors including the motor connector which is used for attaching the
motor coils to the electronics. In addition to the power connector there are two connectors for serial
communication (mini-USB connector and 5pin connector for RS485 and CAN) and three connectors for
Step/Direction, multipurpose input/output signals, and for an external encoder.
The multipurpose connector offers two general purpose outputs, two general purpose inputs, two inputs
for stop switches and one for an additional home switch.
The power supply connector offers separate inputs for driver and for logic power supply plus hardware
shutdown input. Leaving the shutdown input open or tying it to ground will disable the motor driver
stage in hardware. For operation, this input should be tied to supply voltage.
USB
Serial
communication
Multi-purpose
I/O
Motor
Power
Encoder
1
4
1
8
1
4
1
5
1
5
1
4
Step /
Direction
Figure 3.2 Overview connectors
Label
Connector type
Mating connector type
Power
Connector
JST B4B-EH-A
(JST EH series, 4pins, 2.5mm pitch)
Connector housing: JST EHR-4
Contacts: JST SEH-001T-P0.6
Wire: 0.33mm2, AWG 22
Serial
communication
Connector
JST B5B-PH-K-S
(JST PH series, 5pins, 2mm pitch)
Connector housing: JST PHR-5
Contacts: JST SPH-002T-P0.5S
Wire: 0.22mm2, AWG 24
Multi-purpose
I/O Connector
JST B8B-PH-K-S
(JST PH series, 8pins, 2mm pitch)
Connector housing: JST PHR-8
Contacts: JST SPH-002T-P0.5S
Wire: 0.22mm2, AWG 24
Step/Direction
Connector
JST B4B-PH-K-S
(JST EH series, 4pins, 2mm pitch)
Connector housing: JST PHR-4
Contacts: JST SPH-002T-P0.5S
Wire: 0.22mm2, AWG 24
Encoder
Connector
JST B5B-PH-K-S
(JST EH series, 5pins, 2mm pitch)
Connector housing: JST PHR-5
Contacts: JST SPH-002T-P0.5S
Wire: 0.22mm2, AWG 24
Motor
Connector
JST B4B-EH-A
(JST PH series, 4pins, 2.5mm pitch)
Connector housing: JST EHR-4
Contacts: JST SEH-001T-P0.6
Wire: 0.33mm2, AWG 22
Mini-USB
Connector
Molex 500075-1517
Mini USB Type B vertical receptacle
Any standard mini-USB plug
Table 3.1 Connectors and mating connectors, contacts and applicable wire


Similar Part No. - TMCM-1160-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-1161-CABLE TRINAMIC-TMCM-1161-CABLE Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-1161-TMCL TRINAMIC-TMCM-1161-TMCL Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
More results

Similar Description - TMCM-1160-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com