Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1084T25LA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1084T25LA
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084T25LA Datasheet(HTML) 2 Page - Anachip Corp

  AP1084T25LA Datasheet HTML 1Page - Anachip Corp AP1084T25LA Datasheet HTML 2Page - Anachip Corp AP1084T25LA Datasheet HTML 3Page - Anachip Corp AP1084T25LA Datasheet HTML 4Page - Anachip Corp AP1084T25LA Datasheet HTML 5Page - Anachip Corp AP1084T25LA Datasheet HTML 6Page - Anachip Corp AP1084T25LA Datasheet HTML 7Page - Anachip Corp AP1084T25LA Datasheet HTML 8Page - Anachip Corp AP1084T25LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
2/8
Block Diagram
3
Thermal
Shutdown
1
2 Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
Connection Diagram
TO263
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO252
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO220
Tab is Vout
3
Vin
2
1
Vout
Adj (GND)
FRONT VIEW
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj (GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be
connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor is connected
from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin
must always be 1.4V higher than Vout in order for the device to regulate
properly.


Similar Part No. - AP1084T25LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084T25LA ANACHIP-AP1084T25LA Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084T25LA

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com