Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-1141-TMCL Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1141-TMCL
Description  MODULES FOR STEPPER MOTORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1141-TMCL Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-1141-TMCL Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1141-TMCL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TMCM-1141 Hardware Manual (Rev. 1.06 / 2015-JAN-09)
5
www.trinamic.com
2 Order Codes
Order code
Description
Size (mm3)
TMCM-1141-option
Single axis bipolar stepper motor controller / driver electronics with
coolStep feature
37 x 37 x 11.5
Table 2.1 Order codes
The following options are available:
Firmware option
Description
Order code example:
-TMCL
Module pre-programmed with TMCL firmware
TMCM-1141-TMCL
Table 2.2 Firmware options
A cable loom set is available for this module:
Order code
Description
TMCM-1141-CABLE
Cable loom for TMCM-1141:
-
1x cable loom for power and RS485 connector (length 200mm)
1x cable loom for multi-purpose I/O connector (length 200mm)
-
1x cable loom for S/D connector (length 200mm)
-
1x cable loom for motor connector (length 200mm)
-
1x USB type A connector to mini-USB type B connector cable (length 1.5m)
Table 2.3 Cable loom order codes
Please note that the TMCM-1141 is available with NEMA17 stepper motors, too. Refer to the PD-1141
documents for more information about these products.


Similar Part No. - TMCM-1141-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1140-CABLE TRINAMIC-TMCM-1140-CABLE Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1140-CANOPEN TRINAMIC-TMCM-1140-CANOPEN Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1140-TMCL TRINAMIC-TMCM-1140-TMCL Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1141-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com