Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3-113-57-SE-485 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD3-113-57-SE-485
Description  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD3-113-57-SE-485 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD3-113-57-SE-485 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
9
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4.4 Motor
Main characteristics of the four different motors available as part of the PD-113-57-SE:
Specifications
Parameter
Units
QSH5718
-41-28-055
-51-28-101
56-28-126
-76-28-189
Number of Leads
4
4
4
4
Step Angle
˚
1.8
1.8
1.8
1.8
Step Angle Accuracy
%
5
5
5
5
Rated Voltage
V
RATED
V
2
2.3
2.5
3.2
Rated Phase Current
I
RMS RATED
A
2.8
2.8
2.8
2.8
Phase Resistance at 20°C
R
COIL
0.7
0.83
0.9
1.13
Phase Inductance (typ.)
mH
1.4
2.2
2.5
3.6
Holding Torque
Nm
0.55
1.01
1.26
1.89
Rotor Inertia
g cm2
120
275
300
480
Insulation Class
B
B
B
B
Max. applicable voltage
V
75
75
75
75
Max. radial force
N
75
75
75
75
Max. axial force
N
15
15
15
15
Weight
kg
0.45
0.65
0.7
1
Length
mm
41
51
56
76
Temp. Rise (rated current,
2 phase on)
˚C
+80 max
+80 max
+80 max
+80 max
Ambient Temperature
˚C
-20 … +50
-20 … +50
-20 … +50
-20 … +50
Table 4.1: NEMA 23 / 57mm technical motor data
Main characteristics of the four different motors available as part of the PD-113-60-SE:
Specifications
Parameter
Units
QSH6018
-45-28-110
-56-28-165
-65-28-210
-86-28-310
Number of Leads
8
8
8
8
Step Angle
˚
1.8
1.8
1.8
1.8
Rated Voltage
V
RATED
V
2.1
2.52
3.36
4.17
Rated Phase Current
I
RMS RATED
A
2.8
2.8
2.8
2.8
Phase Resistance at 20°C
R
COIL
0.75
0.9
1.2
1.5
Phase Inductance (typ.)
mH
2
3.6
4.6
6.8
Holding Torque
Nm
1.1
1.65
2.1
3.1
Rotor Inertia
g cm2
275
400
570
840
Insulation Class
B
B
B
B
Weight
kg
0.6
0.77
1.2
1.4
Ambient Temperature
˚C
-20 … +50
-20 … +50
-20 … +50
-20 … +50
Table 4.2: NEMA 24 / 60mm technical motor data


Similar Part No. - PD3-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD3-113-57-SE TRINAMIC-PD3-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

Similar Description - PD3-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com