Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3-113-57-SE-485 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD3-113-57-SE-485
Description  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD3-113-57-SE-485 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD3-113-57-SE-485 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD3-113-57-SE-485 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
5
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
3 Order codes
The PD-113-57/60-SE is currently available with two different stepper motor series (NEMA23 / 57mm flange size
or) with four stepper motors of different length and holding torque each and two interface options:
With NEMA 23 / 57mm flange size motor:
Order code
Description
Length of unit
PD1-113-57-SE-option
PANdrive with 0.55Nm max./holding torque
60mm max (+ 22.4mm for axis)
PD2-113-57-SE-option
PANdrive with 1.01Nm max./holding torque
70mm max (+ 22.4mm for axis)
PD3-113-57-SE-option
PANdrive with 1.26Nm max./holding torque
75mm max (+ 22.4mm for axis)
PD4-113-57-SE-option
PANdrive with 1.89Nm max./holding torque
95mm max (+ 22.4mm for axis)
Table 3.1: Order codes (PD-113-57-SE)
With NEMA 24 / 60mm flange size motor:
Order code
Description
Length of unit
PD1-113-60-SE-option
PANdrive with 1.10Nm max./holding torque
64mm max (+ 22.4mm for axis)
PD2-113-60-SE-option
PANdrive with 1.65Nm max./holding torque
75mm max (+ 22.4mm for axis)
PD3-113-60-SE-option
PANdrive with 2.10Nm max./holding torque
84mm max (+ 22.4mm for axis)
PD4-113-60-SE-option
PANdrive with 3.10Nm max./holding torque
105mm max (+ 22.4mm for axis)
Table 3.2: Order codes (PD-113-60-SE)
The electronic module TMCM-113-60-SE itself is also available with two serial interface options:
Order code
Description
Size of unit
TMCM-113-60-SE-option
Single axis bipolar stepper motor controller /
driver electronics with integrated encoder
electronics
board size: 60mm x 60mm
Table 3.3: Order codes (TMCM-113-60-SE)
Serial interface options:
Interface option
Communication interface
-232
RS232 interface
-485
RS485 interface
Table 3.4: Options
Component parts
Description
TMCM-113-CABLE
Cable loom for module and PANdrive™.
Table 3.5: Order codes for component parts
For cost critical applications and applications with reduced requirements with regard to position feedback both
versions - with and without motor - are also available without sensOstep™ encoder as PD-113-57/60 and TMCM-
113-60 on request.


Similar Part No. - PD3-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD3-113-57-SE TRINAMIC-PD3-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

Similar Description - PD3-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com