Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-1021 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1021
Description  MODULE FOR STEPPER MOTORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1021 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1021 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1021 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TMCM-1021 V1.4 Hardware Manual (Rev. 1.03 / 2014-SEP-30)
9
www.trinamic.com
3.2.1.1 Power supply
For proper operation care has to be taken with regard to power supply concept and design. Due to space
restrictions the TMCM-1021 includes just about 20µF/35V (V1.2) resp. 30µF/35V (V1.4) of supply filter
capacitors. These are ceramic capacitors which have been selected for high reliability and long life time. The
module includes a 24V suppressor diode for over-voltage protection.
Please take the following measures into account in order to avoid serious damage of the device:
Add external power supply capacitors!
It is recommended to connect an electrolytic capacitor of significant size (e.g. 470µF/35V) to
the power supply lines next to the TMCM-1021!
Rule of thumb for size of electrolytic capacitor:
In addition to power stabilization (buffer) and filtering this added capacitor will also reduce
any voltage spikes which might otherwise occur from a combination of high inductance
power supply wires and the ceramic capacitors. In addition it will limit slew-rate of power
supply voltage at the module. The low ESR of ceramic-only filter capacitors may cause
stability problems with some switching power supplies.
Keep the power supply voltage below the upper limit of 28V!
Otherwise the driver electronics will seriously be damaged! Especially, when the selected
operating voltage is near the upper limit a regulated power supply is highly recommended.
Please see also chapter 7, operating values.
There is no reverse polarity protection!
The module will short any reversed supply voltage due to internal diodes of the driver
transistors.
3.2.1.2 RS485
For remote control and communication with a host system the TMCM-1021 provides a two wire RS485 bus
interface. For proper operation the following items should be taken into account when setting up an RS485
network:
1. BUS STRUCTURE:
The network topology should follow a bus structure as closely as possible. That is, the connection
between each node and the bus itself should be as short as possible. Basically, it should be short
compared to the length of the bus.
c:>
node
1
node
n - 1
node
n
Host
Slave
Slave
Slave
RS485
termination
resistor
(120 Ohm)
termination
resistor
(120 Ohm)
}
keep distance as
short as possible
Figure 3.4: Bus structure
2. BUS TERMINATION:
Especially for longer busses and/or multiple nodes connected to the bus and/or high communication
speeds, the bus should be properly terminated at both ends. The TMCM-1021 does not integrate any
termination resistor. Therefore, 120 Ohm termination resistors at both ends of the bus have to be
added externally.


Similar Part No. - TMCM-1021

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-102-IF TRINAMIC-TMCM-102-IF Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
More results

Similar Description - TMCM-1021

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com