Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5130A-TA Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5130A-TA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5130A-TA Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5130A-TA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
TMC5130A DATASHEET (Rev. 1.12 / 2016-APR-22)
7
www.trinamic.com
1.1 Key Concepts
The TMC5130A implements advanced features which are exclusive to TRINAMIC products. These
features contribute toward greater precision, greater energy efficiency, higher reliability, smoother
motion, and cooler operation in many stepper motor applications.
stealthChop™
No-noise, high-precision chopper algorithm for inaudible motion and inaudible
standstill of the motor.
spreadCycle™
High-precision chopper algorithm available as an alternative to the traditional
constant off-time algorithm.
dcStep™
Load dependent speed control. The motor moves as fast as possible and never loses
a step.
stallGuard2™
High-precision load measurement using the back EMF on the motor coils.
coolStep™
Load-adaptive current control which reduces energy consumption by as much as
75%.
microPlyer™
Microstep interpolator for obtaining increased smoothness of microstepping when
using the STEP/DIR interface.
In addition to these performance enhancements, TRINAMIC motor drivers offer safeguards to detect
and protect against shorted outputs, output open-circuit, overtemperature, and undervoltage
conditions for enhancing safety and recovery from equipment malfunctions.
1.2 Control Interfaces
The TMC5130A supports both, an SPI interface and a UART based single wire interface with CRC
checking. Selection of the actual interface is done via the configuration pin SW_SEL, which can be
hardwired to GND or VCC_IO depending on the desired interface.
1.2.1 SPI Interface
The SPI interface is a bit-serial interface synchronous to a bus clock. For every bit sent from the bus
master to the bus slave another bit is sent simultaneously from the slave to the master.
Communication between an SPI master and the TMC5130A slave always consists of sending one 40-bit
command word and receiving one 40-bit status word.
The SPI command rate typically is a few commands per complete motor motion.
1.2.2 UART Interface
The single wire interface allows differential operation similar to RS485 (using SWIOP and SWION) or
single wire interfacing (leaving open SWION). It can be driven by any standard UART. No baud rate
configuration is required.
1.3 Software
From a software point of view the TMC5130A is a peripheral with a number of control and status
registers. Most of them can either be written only or read only. Some of the registers allow both read
and write access. In case read-modify-write access is desired for a write only register, a shadow
register can be realized in master software.


Similar Part No. - TMC5130A-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC5130A-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com