Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210-I Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210-I
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210-I Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC4210-I Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210-I Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
5
www.trinamic.com
1.2 Control Interfaces
1.2.1 Serial µC Interface
Using this interface, the TMC4210 receives target positions, target velocities, and target acceleration
values for the microcontroller. Further, it is used for configuration.
From the software point of view, the TMC4210 provides a set of registers, accessed by the
microcontroller via a serial interface in a uniform way. Each datagram contains address bits, a read-
write selection bit, and data bits to access the registers and the on-chip memory. Each time the
microcontroller sends a datagram to the TMC4210 it simultaneously receives a datagram from the
TMC4210. This simplifies the communication with the TMC4210 and makes programming easy. Most
microcontrollers have an SPI hardware interface, which directly connects to the serial four wire
microcontroller interface of the TMC4210. For microcontrollers without SPI hardware software doing
the serial communication is sufficient and can easily be implemented.
1.2.2 Step/Dir Driver Interface
The TMC4210-I controls the motor position by sending pulses on the STEP signal while indicating the
direction on the DIR signal. A programmable step pulse length and step frequencies up to 1MHz allow
operation at high speed and high microstep resolution. The driver chip converts these signals into the
coil currents which control the position of the motor. The TMC4210-I perfectly fits to the TMC26x smart
power Step/Dir driver family.
µC
High Level
Interface
Stepper Motor
Driver incl.
MOSFETs
TMC260/TMC261/
TMC2660
M
TMC4210
Motion Controller
SPI
Step/Dir
SPI
Figure 1.2 Application example using Step/Dir driver interface
1.3 Software Visibility
From the software point of view the TMC4210 provides a set of registers and on-chip RAM (see Figure
1.1), accessed via the serial µC interface in a uniform way. The serial interface uses a simple protocol
with fixed datagram length for the read- and write-access. These registers are used for initializing the
chip as required by the hardware configuration. Afterwards the motor can be moved by writing target
positions or velocity and acceleration values.


Similar Part No. - TMC4210-I

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210-I

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com