Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSH8618-80-55-460 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH8618-80-55-460
Description  QMOT STEPPER MOTORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH8618-80-55-460 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QSH8618-80-55-460 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. QSH8618-80-55-460 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
QSH8618 Manual (V1.06 / 2011-MAR-18)
11
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
6.3 QSH8618-96-55-700
Testing conditions: 48V; 5.5A RMS coil current, full step operation
Table 6.3: QSH8618-96-55-700 speed vs. torque characteristics
6.4 QSH8618-118-60-870
Testing conditions: 100V; 6.0A RMS coil current, full step operation
Figure 6.4: QSH8618-118-60-870 speed vs. torque characteristics


Similar Part No. - QSH8618-80-55-460

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH8618-80-55-460 TRINAMIC-QSH8618-80-55-460 Datasheet
73Kb / 1P
   86mm/NEMA34 1.8째stepangle high torque hybrid stepper motor
More results

Similar Description - QSH8618-80-55-460

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH-6018 TRINAMIC-QSH-6018 Datasheet
532Kb / 14P
   QMOT STEPPER MOTORS
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
   QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
   stepper motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
   Stepper Motors
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
   HB Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com