Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2030CM Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL2030CM
Description  120 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2030CM Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL2030CM Datasheet HTML 7Page - Elantec Semiconductor EL2030CM Datasheet HTML 8Page - Elantec Semiconductor EL2030CM Datasheet HTML 9Page - Elantec Semiconductor EL2030CM Datasheet HTML 10Page - Elantec Semiconductor EL2030CM Datasheet HTML 11Page - Elantec Semiconductor EL2030CM Datasheet HTML 12Page - Elantec Semiconductor EL2030CM Datasheet HTML 13Page - Elantec Semiconductor EL2030CM Datasheet HTML 14Page - Elantec Semiconductor EL2030CM Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL2030C
120 MHz Current Feedback Amplifier
Video Applications
Contd
Video signals are 1V peak-peak in amplitude
from sync tip to peak white There are 100 IRE
(0714V) of picture (from black to peak white of
the transmitted signal) and 40 IRE (0286V) of
sync in a composite video signal (140 IRE e 1V)
For video applications where a gain of two is
used (double termination) the output of the vid-
eo amplifier will be a maximum of 2V peak-peak
With g5V power supply the EL2030 output
swing of 35V is sufficient to satisfy the video
output swing requirements
The EL2030 can
drive two double terminated coax cables under
these conditions With g15V supplies driving
four double terminated cables is feasible
Although the EL2030’s video characteristics (dif-
ferential gain and phase) are impressive with
g
5V supplies at NTSC and PAL frequencies it
can be optimized when the supplies are increased
to g15V especially at 30 MHz HDTV applica-
tions This is primarily due to a reduction in in-
ternal parasitic junction capacitance with in-
creased power supply voltage
The following table summarizes the behavior of
the EL2030 at g5V and g15V for NTSC In ad-
dition 30 MHz HDTV data is included Refer to
the differential gain and phase typical perform-
ance curves for more data
g
Vs Rload Av DGain DPhase
Comments
15V
75
X
1
002%
003
Single terminated
15V
150
X
1
002%
002
Double terminated
5V
150
X
1
005%
002
Double terminated
15V
75
X
2
002%
008
Single terminated
15V
150
X
2
001%
002
Double terminated
5V
150
X
2
003%
009
Double terminated
15V
150
X
2
005%
002
HDTV Double terminated
Equivalent Circuit
2030 – 18
11


Similar Part No. - EL2030CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2030CM INTERSIL-EL2030CM Datasheet
349Kb / 12P
   120MHz Current Feedback Amplifier
More results

Similar Description - EL2030CM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com