Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSH6018-56-28-165 Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH6018-56-28-165
Description  QMOT STEPPER MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH6018-56-28-165 Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QSH6018-56-28-165 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QSH6018-56-28-165 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
QSH6018 Manual (V1.08 / 2014-SEP-04)
8
www.trinamic.com
5 Considerations for Operation
The following chapters try to help you to correctly set the key operation parameters in order to get a
stable system.
5.1 Choosing the Best Fitting Motor for an Application
For an optimum solution it is important to fit the motor to the application and to choose the best
mode of operation. The key parameters are the desired motor torque and velocity. While the motor
holding torque describes the torque at stand-still, and gives a good indication for comparing different
motors, it is not the key parameter for the best fitting motor. The required torque is a result of static
load on the motor, dynamic loads which occur during acceleration/deceleration and loads due to
friction. In most applications the load at maximum desired motor velocity is most critical, because of
the reduction of motor torque at higher velocity. While the required velocity generally is well known,
the required torque often is only roughly known. Generally, longer motors and motors with a larger
diameter deliver a higher torque. But, using the same driver voltage for the motor, the larger motor
earlier looses torque when increasing motor velocity. This means, that for a high torque at a high
motor velocity, the smaller motor might be the fitting solution. Please refer to the torque vs. velocity
diagram to determine the best fitting motor, which delivers enough torque at the desired velocities.
5.1.1 Determining the Maximum Torque Required by Your Application
Just try a motor with a torque 30-50% above the application’s maximum requirement. Take into
consideration worst case conditions, i.e. minimum driver supply voltage and minimum driver current,
maximum or minimum environment temperature (whichever is worse) and maximum friction of
mechanics. Now, consider that you want to be on the safe side, and add some 10 percent safety
margin to take into account for unknown degradation of mechanics and motor. Therefore try to get a
feeling for the motor reliability at slightly increased load, especially at maximum velocity. That is also
a good test to check the operation at a velocity a little higher than the maximum application velocity.
5.2 Motor Current Setting
Basically, the motor torque is proportional to the motor current, as long as the current stays at a
reasonable level. At the same time, the power consumption of the motor (and driver) is proportional
to the square of the motor current. Optimally, the motor should be chosen to bring the required
performance at the rated motor current. For a short time, the motor current may be raised above this
level in order to get increased torque, but care has to be taken in order not to exceed the maximum
coil temperature of 130°C respectively a continuous motor operation temperature of 90°C.
Percentage
of
rated current
Percentage
of
motor torque
Percentage
of
static
motor power dissipation
Comment
150%
≤150%
225%
Limit operation to a few seconds
125%
125%
156%
Operation possible for a limited time
100%
100%
100%
= 2 * I
RMS_RATED * RCOIL
Normal operation
85%
85%
72%
Normal operation
75%
75%
56%
Normal operation
50%
50%
25%
Reduced microstep exactness due to
torque reducing in the magnitude of
detent torque
38%
38%
14%
-“-
25%
25%
6%
-“-
0%
see detent
torque
0%
Motor might loose position if the
application’s friction is too low
Table 5.1: Motor current settings


Similar Part No. - QSH6018-56-28-165

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH6018-56-28-165 TRINAMIC-QSH6018-56-28-165 Datasheet
195Kb / 1P
   60mm/NEMA24 1.8째stepangle high torque hybrids tepper motor
More results

Similar Description - QSH6018-56-28-165

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
   QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
   QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
   stepper motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
   Stepper Motors
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
   HB Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com