Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBL4208 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QBL4208
Description  BLDC motor modules.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QBL4208_10 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208_10 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
QBL4208 Manual (V1.03 / 2010-NOV-03)
7
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
5 Torque figures
The torque figures detail motor torque characteristics measured in block commutation. Please be
careful not to operate the motors outside the blue field. This is possible for short times only because
of a resulting high coil temperature. The motors have insulation class B.
The blue field is described by rated speed and rated torque.
5.1 Motor QBL4208-41-04-006
Velocity vs. torque measured with 24V supply voltage
7000
6000
5000
4000
3000
2000
1000
0
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
N.m
Figure 5.1: QBL4208-41-04-006 velocity vs. torque characteristics


Similar Part No. - QBL4208_10

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QBL4208-100-04-025 TRINAMIC-QBL4208-100-04-025 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
More results

Similar Description - QBL4208_10

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
   BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
   BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
   BLDC MOTOR
BL23E22-01 LINENGINEERING-BL23E22-01 Datasheet
335Kb / 3P
   BLDC MOTOR
BL23E22-02 LINENGINEERING-BL23E22-02 Datasheet
335Kb / 3P
   BLDC MOTOR
BL23E33-01 LINENGINEERING-BL23E33-01 Datasheet
334Kb / 3P
   BLDC MOTOR
BL34E21-02 LINENGINEERING-BL34E21-02 Datasheet
332Kb / 3P
   BLDC MOTOR
BL17E19-01 LINENGINEERING-BL17E19-01 Datasheet
328Kb / 3P
   BLDC MOTOR
BL23E22-02-Y05-A0-B12F LINENGINEERING-BL23E22-02-Y05-A0-B12F Datasheet
343Kb / 4P
   BLDC MOTOR
BL17E40-01 LINENGINEERING-BL17E40-01 Datasheet
337Kb / 3P
   BLDC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com