Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0766801006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0766801006
Description  GbX I-Trac NXT Right-Angle Daughtercard Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0766801006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0766801006 Datasheet HTML 1Page - Molex Electronics Ltd. 0766801006 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0766801006
Status:
Active
Overview:
GbX I-Trac™ Backplane Connector System
Description:
GbX I-Trac™ NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch,
Unguided, 11 Rows, 6 Columns, 132 Circuits
Documents:
3D Model
Packaging Specification PK-70873-609 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75710-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76680
Application
Coplanar, Daughtercard
Component Type
PCB Receptacle
Overview
GbX I-Trac™ Backplane Connector System
Product Name
GbX I-Trac™
UPC
883906577452
Physical
Circuits (Loaded)
132
Circuits (maximum)
132
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
17.549/g
Number of Columns
6
Number of Pairs
Open Pin Field
Number of Rows
11
Orientation
Right Angle
PC Tail Length
1.30mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.85mm, 3.70mm
Pitch - Termination Interface
1.00mm, 2.70mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +80°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
76680 Series
Mates With
75705-1603 GbX I-Trac™ Vertical Header


Similar Part No. - 0766801006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0766801006 MOLEX1-0766801006_17 Datasheet
42Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
More results

Similar Description - 0766801006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0766801010 MOLEX11-0766801010 Datasheet
41Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module,
0766803006 MOLEX11-0766803006 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
0766803008 MOLEX11-0766803008 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
0766805206 MOLEX11-0766805206 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
0766803005 MOLEX11-0766803005 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
0766805006 MOLEX11-0766805006 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module,
0766805005 MOLEX11-0766805005 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
0766801005 MOLEX11-0766801005 Datasheet
41Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module,
0766801008 MOLEX11-0766801008 Datasheet
41Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module,
0766803010 MOLEX11-0766803010 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com