Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2432X Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2432X
Description  1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2432X Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2432X Datasheet HTML 1Page - Dallas Semiconductor DS2432X Datasheet HTML 2Page - Dallas Semiconductor DS2432X Datasheet HTML 3Page - Dallas Semiconductor DS2432X Datasheet HTML 4Page - Dallas Semiconductor DS2432X Datasheet HTML 5Page - Dallas Semiconductor DS2432X Datasheet HTML 6Page - Dallas Semiconductor DS2432X Datasheet HTML 7Page - Dallas Semiconductor DS2432X Datasheet HTML 8Page - Dallas Semiconductor DS2432X Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1 of 30
040201
FEATURES
1128 bits of 5V EEPROM memory parti-
tioned into four pages of 256 bits, a 64-bit
write-only secret and up to 5 general purpose
read/write registers
On-chip 512-bit SHA-1 engine to compute
160-bit
Message
Authentication
Codes
(MAC) and to generate secrets
Write access requires knowledge of the secret
and the capability of computing and transmit-
ting a 160-bit MAC as authorization
Secret and data memory can be write-pro-
tected (all or page 0 only) or put in EPROM-
emulation mode (“write to 0”, page 1)
Unique, factory-lasered and tested 64-bit reg-
istration number assures absolute traceability
because no two parts are alike
Built-in multidrop controller ensures compati-
bility with other 1-Wire net products
Reduces control, address, data and power to a
single data pin
Directly connects to a single port pin of a mi-
croprocessor and communicates at up to 16.3k
bits per second
Overdrive mode boosts communication speed
to 142k bits per second
Low cost 6-lead TSOC surface mount pack-
age, or solder-bumped Flipchip package
Reads and writes over a wide voltage range of
2.8V to 5.25V from -40°C to +85°C
PIN ASSIGNMENT
TSOC (150mil)
1-WIRE
GND
NC
1
2
3
6
5
4
NC
NC
NC
top view
side view
top view
See www.dalsemi.com for mechanical
specifications of packages.
ORDERING INFORMATION
DS2432P
6-lead TSOC package
DS2432P/T&R
Tape & Reel DS2432P
DS2432X
Flipchip package, tape & reel
DESCRIPTION
The DS2432 combines 1024 bits of EEPROM, a 64-bit secret, an 8-byte register/control page with up to 5
user read/write bytes, a 512-bit SHA-1 engine and a fully-featured 1-Wire interface in a single chip. Each
DS2432 has its own 64-bit ROM registration number that is factory lasered into the chip to provide a
guaranteed unique identity for absolute traceability. Data is transferred serially via the 1-Wire protocol,
which requires only a single data lead and a ground return. The DS2432 has an additional memory area
called the scratchpad that acts as a buffer when writing to the main memory, the register page or when
installing a new secret. Data is first written to the scratchpad from where it can be read back. After the
data has been verified, a copy scratchpad command will transfer the data to its final memory location,
provided that the DS2432 receives a matching 160-Bit MAC. The computation of the MAC involves the
secret and additional data stored in the DS2432 including the device’s registration number. Only a new
secret can be loaded without providing a MAC. The SHA-1 engine can also be activated to compute
DS2432
1k-Bit Protected 1-Wire
EEPROM with SHA-1 Engine
www.dalsemi.com
Preliminary


Similar Part No. - DS2432X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432X++ MAXIM-DS2432X+ Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432X-S++ MAXIM-DS2432X-S+ Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432X-S++ MAXIM-DS2432X-S+ Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results

Similar Description - DS2432X

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com