Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE150 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1.5KE150
Description  Plastic package has UL flammability Classification 94V-0
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1.5KE150 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1.5KE150 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1.5KE150 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1.5KE150 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1.5KE150 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 13/10/2009 H
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1.5KE Series
TRANSIENT VOLTAGE SUPPRESSOR
Reverse Voltage:
6.8 to 440 V
Peak Pulse Power: 1500 W
Features
• Plastic package has UL flammability Classification 94V-0
• 1500 W peak pulse power capability on 10/1000 µs waveform,
repetition rate (duty cycle): 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
Mechanical Data
• Case: Molded plastic, DO-201AD
• Expoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202, Method 208
guaranteed
• Polarity: Color band denotes cathode except bipolar
• Mounting Position: Any
Description
• Devices for bidirectional applications
• For bi-directional use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440 (e.g. 1.5KE6.8C,1.5KE440CA)
• Electrical characteristics apply in both directions
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbol
Value
Unit
Peak Power Dissipation with a 10/1000 µs waveform
1)
PPPM
Min.1500
W
Steady State Power Dissipation at TL = 75 OC Lead lengths 0.375"(9.5 mm)
2)
PM(AV)
6.5
W
Peak Forward Surge Current, 8.3 ms Single half sine-wave unidirectional only
3)
IFSM
200
A
Maximum Instantaneous Forward Voltage at 100 A for Unidirectional only
4)
VF
3.5/5
V
Operating Junction and Storage Temperature Range
TJ, TStg
- 55 to + 150
O
C
1) Non-repetitive current pulse, per Fig. 3 and derated above TA= 25 OC Fig. 2
2) Mounted on copper pad area of 1.6 X 1.6" (40 X 40 mm)
3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
4) VF = 3.5 V max. for 1.5KE200A & below; VF = 5 V max. for 1.5KE220 & above.


Similar Part No. - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE150 PANJIT-1.5KE150 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE150 TRSYS-1.5KE150 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE150 DAESAN-1.5KE150 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE150 SOCAY-1.5KE150 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
1.5KE150 WTE-1.5KE150 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF10H150CT KERSEMI-MBRF10H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H150CT KERSEMI-MBRF30H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR10H100CT KERSEMI-MBR10H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBL2A FS-GBL2A Datasheet
195Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com