Electronic Components Datasheet Search |
|
0759105523 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0759105523 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/10/2016 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0759105523 Status: Active Overview: GbX I-Trac™ Backplane Connector System Description: GbX I-Trac™ Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Coplanar, Left Open, 11 Rows, 5 Columns, 110 Circuits, Mating Pin Length 4.70mm Documents: 3D Model Packaging Specification PK-70873-585 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-75710-999 (PDF) Agency Certification UL E29179 General Product Family Backplane Connectors Series 75910 Application Coplanar, Daughtercard Component Type Right Angle Male Overview GbX I-Trac™ Backplane Connector System Product Name GbX I-Trac™ UPC 883906400675 Physical Circuits (Loaded) 110 Circuits (maximum) 110 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part Yes Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Net Weight 26.274/g Number of Columns 5 Number of Pairs 6, Open Pin Field Number of Rows 11 Orientation Right Angle PC Tail Length 2.00mm PCB Locator Yes PCB Retention Yes PCB Thickness - Recommended 1.60mm Packaging Type Tray Pitch - Mating Interface 1.85mm, 3.70mm Pitch - Termination Interface 1.00mm, 2.70mm Plating min - Mating 0.762µm Plating min - Termination 0.762µm Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +80°C Termination Interface: Style Through Hole - Compliant Pin Electrical Series image - Reference only EU ELV Not Reviewed EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Reviewed Search Parts in this Series 75910 Series Mates With 75710 GbX I-Trac™ Right Angle Receptacle Module Use With 78235 GbX I-Trac™ Right-Angle Power Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Press-In Tool for Right Angle Receptacle and 0622018604 |
Similar Part No. - 0759105523 |
|
Similar Description - 0759105523 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |