Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C104G5JACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0402C104G5JACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C104G5JACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C0402C104G5JACTU Datasheet HTML 1Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 2Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 3Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 4Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 5Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 6Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 7Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 8Page - Kemet Corporation C0402C104G5JACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1086_U2J • 6/7/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1812 Case Sizes)
Capacitance Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
100 pF
101
F G J K M
BB BB BB BB
110 pF
111
F G J K M
BB BB BB BB
120 pF
121
F G J K M
BB BB BB BB
130 pF
131
F G J K M
BB BB BB BB
150 pF
151
F G J K M
BB BB BB BB
160 pF
161
F G J K M
BB BB BB BB
180 pF
181
F G J K M
BB BB BB BB
200 pF
201
F G J K M
BB BB BB BB
220 pF
221
F G J K M
BB BB BB BB
240 pF
241
F G J K M
BB BB BB BB
270 pF
271
F G J K M
BB BB BB BB
300 pF
301
F G J K M
BB BB BB BB
330 pF
331
F G J K M
BB BB BB BB
360 pF
361
F G J K M
BB BB BB BB
390 pF
391
F G J K M
BB BB BB BB
430 pF
431
F G J K M
BB BB BB BB
470 pF
471
F G J K M
BB BB BB BB
510 pF
511
F G J K M
BB BB BB BB
560 pF
561
F G J K M
BB BB BB BB
620 pF
621
F G J K M
BB BB BB BB
680 pF
681
F G J K M
BB BB BB BB
750 pF
751
F G J K M
BB BB BB BB
820 pF
821
F G J K M
BB BB BB BB
910 pF
911
F G J K M
BB BB BB BB
1,000 pF
102
F G J K M
BB BB BB BB CF CF CF CF
1,100 pF
112
F G J K M
BB BB BB BB CF CF CF CF
1,200 pF
122
F G J K M
BB BB BB BB CF CF CF CF
1,300 pF
132
F G J K M
BB BB BB BB CF CF CF CF
1,500 pF
152
F G J K M
BB BB BB BB CF CF CF CF
1,600 pF
162
F G J K M
BB BB BB BB CF CF CF CF
1,800 pF
182
F G J K M
BB BB BB BB CF CF CF CF
2,000 pF
202
F G J K M
BB BB BB
CF CF CF CF
2,200 pF
222
F G J K M
BB BB BB
CF CF CF CF
2,400 pF
242
F G J K M
CF CF CF CF
2,700 pF
272
F G J K M
CF CF CF CF
3,000 pF
302
F G J K M
CF CF CF CF
3,300 pF
332
F G J K M
CF CF CF CF
3,600 pF
362
F G J K M
CF CF CF CF
3,900 pF
392
F G J K M
CF CF CF CF
4,300 pF
432
F G J K M
CF CF CF CF
4,700 pF
472
F G J K M
CF CF CF CF DN DN DN DN
5,100 pF
512
F G J K M
CF CF CF CF DN DN DN DN
5,600 pF
562
F G J K M
CF CF CF CF DN DN DN DN
6,200 pF
622
F G J K M
CF CF CF CF DN DN DN DN
6,800 pF
682
F G J K M
CF CF CF CF DN DN DN DN
7,500 pF
752
F G J K M
CF CF CF CF DN DN DN DN
8,200 pF
822
F G J K M
CF CF CF CF DN DN DN DN
9,100 pF
912
F G J K M
CF CF CF CF DN DN DN DN
10,000 pF
103
F G J K M
CF CF CF CF DN DN DN DN EB EB EB EB FB FB FB FB GB GB GB
12,000 pF
123
F G J K M
CF CF CF
DN DN DN DN EB EB EB EB FB FB FB FB GB GB GB
15,000 pF
153
F G J K M
CF CF CF
DN DN DN DN EB EB EB EB FB FB FB FB GB GB GB
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Case Size/Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C
Preliminary Data Sheet


Similar Part No. - C0402C104G5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C104G5GACAUTO KEMET-C0402C104G5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
C0402C104G5GACAUTO KEMET-C0402C104G5GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C0402C104G5GACTU KEMET-C0402C104G5GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C0402C104G5GACTU KEMET-C0402C104G5GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0402C104G5JACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com