Electronic Components Datasheet Search |
|
C1812C104M3JACTU Datasheet(PDF) 1 Page - Kemet Corporation |
|
C1812C104M3JACTU Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 20 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1086_U2J • 6/7/2016 1 One world. One KEMET Benefits • Operatingtemperaturerangeof−55°Cto+125°C • Lead (Pb)-free, RoHS and REACH compliant • EIA 0402, 0603, 0805, 1206, 1210 and 1812 case sizes • DC voltage ratings of 10 V, 16 V, 25 V and 50 V • Capacitance offerings ranging from 1.0 nF up to 470 nF • Available capacitance tolerances of ±1%, ±2%, ±5%, ±10% and ±20% • Low noise solution similar to C0G • Low dissipation factor DF < 0.1% • Low ESR & ESL • High thermal stability • High ripple current capability Overview KEMET’s U2J dielectric features a maximum operating temperatureof125°Candisconsideredstable.TheElectronics Industries Alliance (EIA) characterizes U2J dielectric as a Class Imaterial.Componentsofthisclassificationaretemperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. U2J is an extremely stable dielectric material that exhibits a negligible shift in capacitance with respect to voltage and boasts a predictable and linear change in capacitance with reference to ambient temperature with no aging effect. In addition, U2J dielectric extends the available capacitance range of Class I MLCCs to achieve values previously only available using Class II dielectric materials like X7R, X5R, Y5V and Z5U. U2J is not sensitive to DC Bias as compared to Class II dielectric materials and retains over 99% of nominal capacitance at full rated voltage. Capacitancechangeislimitedto−750±120ppm/°Cfrom −55°Cto+125°C.ThesedevicesareLead-free,RoHSand REACH compliant without exception and are capable of withstandingmultiplepassesthroughaLead-freesolderreflow profile. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) U2J Dielectric, 10 - 50 VDC (Commercial Grade) Ordering Information C 1206 C 104 J 3 J A C TU Ceramic Case Size (L" x W") Specification/ Series1 Capacitance Code (pF) Capacitance Tolerance2 Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish3 Packaging/Grade (C-Spec) 0402 0603 0805 1206 1210 1812 C = Standard Twosignificant digits+ number of zeros. F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% 8 = 10 4 = 16 3 = 25 5 = 50 J = U2J A = N/A C = 100% Matte Sn See “Packaging C-Spec Ordering Options Table” below 1 Flexible termination option is available. Please see FT-CAP product bulletin C1062_C0G_FT-CAP_SMD 2 Additional capacitance tolerance offerings may be available. Contact KEMET for details. Preliminary Data Sheet Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C1812C104M3JACTU |
|
Similar Description - C1812C104M3JACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |