Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68013-56LFC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C68013-56LFC
Description  EZ-USB FX2 USB Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013-56LFC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C68013-56LFC Datasheet HTML 1Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 2Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 3Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 4Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 5Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 6Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 7Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 8Page - Cypress Semiconductor CY7C68013-56LFC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
CY7C68013
EZ-USB FX2™ USB Microcontroller
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-08012 Rev. *E
Revised February 8, 2005
1.0
EZ-USB FX2
 Features
• Single-chip integrated USB 2.0 Transceiver, SIE, and
Enhanced 8051 Microprocessor
• Software: 8051 code runs from:
— Internal RAM, which is downloaded via USB
— Internal RAM, which is loaded from EEPROM
— External memory device (128 pin package
• Four programmable BULK/INTERRUPT/
ISOCHRONOUS endpoints
— Buffering options: double, triple and quad
• 8- or 16-bit external data interface
•GPIF
— Allows direct connection to most parallel interface
— Programmable waveform descriptors and configu-
ration registers to define waveforms
— Supports multiple Ready (RDY) inputs and Control
(CTL) outputs
• Integrated, industry standard enhanced 8051:
— Up to 48-MHz clock rate
— Four clocks per instruction cycle
— Two USARTS
— Three counter/timers
— Expanded interrupt system
— Two data pointers
• Supports bus-powered applications by using renumer-
ation
• 3.3V operation
• Smart Serial Interface Engine
• Vectored USB interrupts
• Separate data buffers for the SETUP and DATA portions
of a CONTROL transfer
• Integrated I2C-compatible controller, runs at 100 or 400
kHz
• 48-MHz, 24-MHz, or 12-MHz 8051 operation
• Four integrated FIFOs
— Brings glue and FIFOs inside for lower system cost
— Automatic conversion to and from 16-bit buses
— Master or slave operation
— FIFOs can use externally supplied clock or asyn-
chronous strobes
— Easy interface to ASIC and DSP ICs
• Special autovectors for FIFO and GPIF interrupts
• Up to 40 general-purpose I/Os
• Four package options—128-pin TQFP, 100-pin TQFP,
56-pin QFN and 56-pin SSOP
• Four packages are defined for the family: 56 SSOP, 56
QFN, 100 TQFP, and 128 TQFP
x20
PLL
/0.5
/1.0
/2.0
8051 Core
12/24/48 MHz,
four clocks/cycle
I2C
Compatible
VCC
1.5k
D+
D–
FX2
GPIF
CY
Smart
USB
1.1/2.0
Engine
USB
2.0
XCVR
8.5 kB
RAM
4 kB
FIFO
Integrated
full- and high-speed
XCVR
Additional I/Os (24)
ADDR (9)
CTL (6)
RDY (6)
8/16
24-MHz
Ext. XTAL
Enhanced USB core
Simplifies 8051 core
“Soft Configuration”
Easy firmware changes
FIFO and endpoint memory
(master or slave operation)
Up to 96 MBytes/s
burst rate
General
programmable I/F
to ASIC/DSP or bus
standards such as
ATAPI, EPP, etc.
Abundant I/O
including two USARTS
High-performance micro
using standard tools
with lower-power options
Master
Figure 1-1. Block Diagram
connected for
full speed


Similar Part No. - CY7C68013-56LFC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013-56LFC CYPRESS-CY7C68013-56LFC Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
logo
Analog Devices
CY7C68013-56LFC AD-CY7C68013-56LFC Datasheet
760Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
More results

Similar Description - CY7C68013-56LFC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com