Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C34098-12JCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C34098-12JCN
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098-12JCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C34098-12JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098-12JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 5 of 10
Read waveform 2 (CE, OE, UB, LB controlled)6,8,9
Write cycle (over the operating range)11
Parameter
Symbol
–10
–12
–15
–20
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–15
20
ns
Chip enable (CE) to write end
tCW
7–8
10
12
ns
Address setup to write end
tAW
7–8
10
12
ns
Address setup time
tAS
0
0
0–0–
ns
Write pulse width (OE = High)
tWP1
7–8
10
12
ns
Write pulse width (OE = Low)
tWP2
10–12–15
20
ns
Write recovery time
tWR
0
0
0–0–
ns
Address hold from end of write
tAH
0
0
0–0–
ns
Data valid to write end
tDW
5
6
7–9–
ns
Data hold time
tDH
0
0
0–0–
ns
4, 5
Write enable to output in High-Z
tWZ
0
5
0
6
0709
ns
4, 5
Output active from write end
tOW
3
3
3–3–
ns
4, 5
Byte enable Low to write end
tBW
7–8
10
12
ns
4, 5
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tCHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
DataOUT


Similar Part No. - AS7C34098-12JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results

Similar Description - AS7C34098-12JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com