Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X104J3JACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210X104J3JACTU
Description  Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X104J3JACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210X104J3JACTU Datasheet HTML 2Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 3Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 4Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 5Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 6Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 7Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 8Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 9Page - Kemet Corporation C1210X104J3JACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1087_U2J_FT-CAP_SMD • 6/7/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1812 Case Sizes) cont'd
.
Capacitance Cap
Code
Case Size/
Series
C0603X
C0805X
C1206X
C1210X
C1812X
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
18,000 pF
183
F G J K M
DC
DC
DC
DC
EB
EB
EB
EB
FB
FB
FB
FB
22,000 pF
223
F G J K M
DC
DC
DC
DD
EB
EB
EB
EB
FB
FB
FB
FB
27,000 pF
273
F G J K M
DD
DD
DD
DD
EB
EB
EB
EB
FB
FB
FB
FB
33,000 pF
333
F G J K M
DD
DD
DD
DG
EB
EB
EB
EB
FB
FB
FB
FB
GB
GB
GB
47,000 pF
393
F G J K M
DG
DG
DG
DG
EB
EB
EB
EB
FB
FB
FB
FB
GB
GB
GB
47,000 pF
473
F G J K M
DG
DG
DG
DG
EB
EB
EB
EB
FB
FB
FB
FB
GB
GB
GB
56,000 pF
563
F G J K M
EB
EB
EB
EC
FB
FB
FB
FB
GB
GB
GB
68,000 pF
683
F G J K M
EC
EC
EC
EC
FB
FB
FB
FB
GB
GB
GB
82,000 pF
823
F G J K M
EC
EC
EC
EE
FB
FB
FB
FB
GB
GB
GB
100,000 pF
104
F G J K M
EC
EC
EC
EF
FB
FB
FB
FC
GB
GB
GB
120,000 pF
124
F G J K M
EF
EP
EF
EH
FC
FC
FC
FE
GB
GB
GB
150,000 pF
154
F G J K M
EF
EF
EF
EH
FE
FE
FE
FG
GB
GB
GB
180,000 pF
184
F G J K M
EH
EH
EH
FG
FG
FG
FG
GB
GB
GB
220,000 pF
224
F G J K M
EH
EH
EH
FG
FG
FG
FH
GB
GB
GB
270,000 pF
274
F G J K M
FH
FH
FH
FM
GB
GB
GB
330,000 pF
334
F G J K M
FM
FM
FM
GC
GC
GC
390,000 pF
394
F G J K M
GH
GH
GH
470,000 pF
474
F G J K M
GK
GK
GK
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Case Size/Series
C0603X
C0805X
C1206X
C1210X
C1812X
Preliminary Data Sheet


Similar Part No. - C1210X104J3JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X104J3RAC KEMET-C1210X104J3RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
More results

Similar Description - C1210X104J3JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com