Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR05C129BAGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR05C129BAGAC
Description  Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 1.2 pF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR05C129BAGAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR05C129BAGAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/27/2016 - 677e26f5-4195-4a22-b427-facbf7092e34
KEMET Part Number: CBR05C129BAGAC
Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 1.2 pF, +/-0.1pF Tol, 250 V, C0G, 0505
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.4
+0.38/-0.25
W
1.4
+/-0.38
T
1.15
+/-0.15
B
0.25
+0.25/-0.13
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 3000
General Information
Supplier: KEMET
Application: RF/Microwave
Chip Size: 0505
Temperature Coefficient: C0G
Part Type Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 1.2 pF
Voltage: 250 V
Tolerance: +/-0.1pF
Temperature Range: -55/+125C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhm
Dielectric Strength: 500 V
Q: 824
Miscellaneous: Minimum Q = 824
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR05C129BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR05C120JAGAC KEMET-CBR05C120JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 12 pF
More results

Similar Description - CBR05C129BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR05C150JAGAC KEMET-CBR05C150JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 15 pF
CBR05C109BAGAC KEMET-CBR05C109BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 1 pF
CBR05C120JAGAC KEMET-CBR05C120JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 12 pF
CBR05C229BAGAC KEMET-CBR05C229BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C908BAGAC KEMET-CBR05C908BAGAC Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C189BAGAC KEMET-CBR05C189BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C808BAGAC KEMET-CBR05C808BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C829CAGAC KEMET-CBR05C829CAGAC Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C279BAGAC KEMET-CBR05C279BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C339BAGAC KEMET-CBR05C339BAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com