Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4BTFBX5300Z_M_ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4BTFBX5300Z_M_
Description  BOX CAPACITORS, IGBT APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4BTFBX5300Z_M_ Datasheet(HTML) 1 Page - Kemet Corporation

  C4BTFBX5300Z_M_ Datasheet HTML 1Page - Kemet Corporation C4BTFBX5300Z_M_ Datasheet HTML 2Page - Kemet Corporation C4BTFBX5300Z_M_ Datasheet HTML 3Page - Kemet Corporation C4BTFBX5300Z_M_ Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13
C4B
MKP Series
BOX CAPACITORS
IGBT APPLICATIONS
General characteristics
- Self-Healing
- Low losses
- High ripple current
- High contact reliability
- Suitable for high frequency applications
General technical data
VDE 0560 - IEC61071 - EN61071
Application class (DIN 40040)
GPD / LS
Temperature range (Case)
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code (15th digit )
J = ± 5 % ; K = ± 10%
Peak non-repetitive max current
I
PKR x 1.5
Test voltage terminal to terminal U
TT
2 Un for 10 seconds
Test voltage terminal to case U
TC
3kV - 50Hz for 60 seconds
Dissipation factor (tgδ)
≤ 5 x 10-4 at 1 kHz and 20 °C
Permissible relative humidity
Annual average ≤ 95% on 30 days / year, continuously 100% on
other days occasionally 100%. Dewing not admissible
IEC climatic category
40 / 85 / 56 according to IEC 68-1
Capacitance deviation in the operating temperature range of –40 to
+85 °C
±1.5% max on capacitance value measured at +20 °C
Change of capacitance versus operating time
-3% after 30.000 hours at U
RMS or after 100.000 hours at Un
Case components
Solvent resistant plastic case with epoxy resin sealing. Flame
retardant execution (UL class 94 V0).
Terminals
Tinned brass lugs
Installation
Whatever Position
Life Expectancy
≥ 30.000 hours at U
RMS; ≥ 100.000 hours at Un
Failure quota
300 / 109 components hour
TECHNICAL DATA
B
L
6.2
10
17


Similar Part No. - C4BTFBX5300Z_M_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BTFBX4330ZAEJ KEMET-C4BTFBX4330ZAEJ Datasheet
819Kb / 14P
   C4BT, 400 – 850 VDC/250 – 450 VAC
5/3/2022
C4BTFBX4330ZAEK KEMET-C4BTFBX4330ZAEK Datasheet
819Kb / 14P
   C4BT, 400 – 850 VDC/250 – 450 VAC
5/3/2022
C4BTFBX4330ZBEJ KEMET-C4BTFBX4330ZBEJ Datasheet
819Kb / 14P
   C4BT, 400 – 850 VDC/250 – 450 VAC
5/3/2022
C4BTFBX4330ZBEK KEMET-C4BTFBX4330ZBEK Datasheet
819Kb / 14P
   C4BT, 400 – 850 VDC/250 – 450 VAC
5/3/2022
C4BTFBX4330ZDEJ KEMET-C4BTFBX4330ZDEJ Datasheet
819Kb / 14P
   C4BT, 400 – 850 VDC/250 – 450 VAC
5/3/2022
More results

Similar Description - C4BTFBX5300Z_M_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
278Kb / 4P
   BOX CAPACITORS
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
Dubilier
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
   CAPACITORS BOX POLYESTER LBMP
LBPP0.1160K7.5 DUBILIER-LBPP0.1160K7.5 Datasheet
205Kb / 6P
   CAPACITORS BOX POLYPROPYLENE LBPP
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com